Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4049 Datasheet(PDF) 4 Page - Texas Instruments

Part # CD4049
Description  CMOS HEX BUFFERS/CONVERTERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4049 Datasheet(HTML) 4 Page - Texas Instruments

  CD4049 Datasheet HTML 1Page - Texas Instruments CD4049 Datasheet HTML 2Page - Texas Instruments CD4049 Datasheet HTML 3Page - Texas Instruments CD4049 Datasheet HTML 4Page - Texas Instruments CD4049 Datasheet HTML 5Page - Texas Instruments CD4049 Datasheet HTML 6Page - Texas Instruments CD4049 Datasheet HTML 7Page - Texas Instruments CD4049 Datasheet HTML 8Page - Texas Instruments CD4049 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Input High Voltage, VIH Min
CD4049UB
0.5
-
5
44444
-
-
V
1
-
10
88888
-
-
V
1.5
-
15
12.5
12.5
12.5
12.5
12.5
-
-
V
Input High Voltage, VIH Min
CD4050B
4.5
-
5
3.5
3.5
3.5
3.5
3.5
-
-
V
9
-
10
77777
-
-
V
13.5
-
15
11
11
11
11
11
-
-
V
Input Current, IIN Max
-
0,18
18
±0.1
±0.1
±1
±1-
±10-5
±0.1
µA
DC Electrical Specifications
(Continued)
PARAMETER
TEST CONDITIONS
LIMITS AT INDICATED TEMPERATURE (oC)
UNITS
-55
-40
85
125
25
VO
(V)
VIN
(V)
VCC (V)
MIN
TYP
MAX
AC Electrical Specifications
TA = 25
oC, Input t
r, tf = 20ns, CL = 50pF, RL = 200kΩ
PARAMETER
TEST CONDITIONS
LIMITS (ALL PACKAGES)
UNITS
VIN
VCC
TYP
MAX
Propagation Delay Time
Low to High, tPLH
CD4049UB
5
5
60
120
ns
10
10
32
65
ns
10
5
45
90
ns
15
15
25
50
ns
15
5
45
90
ns
Propagation Delay Time
Low to High, tPLH
CD4050B
5
5
70
140
ns
10
10
40
80
ns
10
5
45
90
ns
15
15
30
60
ns
15
5
40
80
ns
Propagation Delay Time
High to Low, tPHL
CD4049UB
5
5
32
65
ns
10
10
20
40
ns
10
5
15
30
ns
15
15
15
30
ns
15
5
10
20
ns
Propagation Delay Time
High to Low, tPHL
CD4050B
5
5
55
110
ns
10
10
22
55
ns
10
5
50
100
ns
15
15
15
30
ns
15
5
50
100
ns
Transition Time, Low to High, tTLH
5
5
80
160
ns
10
10
40
80
ns
15
15
30
60
ns
Transition Time, High to Low, tTHL
5
5
30
60
ns
10
10
20
40
ns
15
15
15
30
ns
CD4049UB, CD4050B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com