Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX45 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # DX45
Description  Sinewave Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DX45 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  DX45 Datasheet HTML 1Page - Frequency Devices, Inc. DX45 Datasheet HTML 2Page - Frequency Devices, Inc. DX45 Datasheet HTML 3Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Fixed Frequency
D
X45 Series
Sinewave Oscillator
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Description
The D
X45 Series are fixed frequency sinewave oscil-
lators that deliver a single phase, high purity sinu-
soidal output. These fully finished devices can be
user specified to operate to any frequency between
100 Hz and 50.0 kHz.
Each D
X45 model includes provisions for the user to
adjust the output amplitude over a 1 to 20 Vp-p
range by external resistive or voltage programming.
Over the full output range, total harmonic distortion
is 0.03%
(<-70 dB) based on frequency, while the
peak-to-peak amplitude stability of any fixed level
selected is 0.00
1 dB/°C.
Features/Benefits:
• Stable high purity sinewave output.
• Compact 1.8"L x 0.8"W x 0.3"H minimizes board
space requirements.
• Adjustable output amplitude for applications
requiring discrete or continuous output control.
• Plug-in ready-to-use, reducing engineering
design and manufacturing cycle time.
Applications
• Reference oscillator
• Airborne equipment
• Mobile equipment
• Test Apparatus
• Telemetry Systems
• Distortion Testing
1


Similar Part No. - DX45

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
DX4 JAE-DX4 Datasheet
562Kb / 10P
USB 2.0 Compatible Micro Connectors
logo
Solid State Supplies.
DX4-2014-23-1006 DURAKOOL-DX4-2014-23-1006 Datasheet
4Mb / 8P
Industrial Plug-in Relay
DX4-2014-23-1006-WTL DURAKOOL-DX4-2014-23-1006-WTL Datasheet
4Mb / 8P
Industrial Plug-in Relay
DX4-2014-23-1012 DURAKOOL-DX4-2014-23-1012 Datasheet
4Mb / 8P
Industrial Plug-in Relay
DX4-2014-23-1012-WTL DURAKOOL-DX4-2014-23-1012-WTL Datasheet
4Mb / 8P
Industrial Plug-in Relay
More results

Similar Description - DX45

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVTC325B5 ETC2-CVTC325B5 Datasheet
35Kb / 1P
4 Pad Clipped Sinewave VC - TCXO Oscillator
TB1S320CV ETC2-TB1S320CV Datasheet
70Kb / 1P
SineWave (VC) TCXO Oscillator
STE325DS5 ETC2-STE325DS5 Datasheet
40Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
logo
Abracon Corporation
AVSS ABRACON-AVSS Datasheet
186Kb / 2P
5.0V SINEWAVE SMD VOLTAGE CONTROLLED OSCILLATOR
03.11.08
logo
Connor-Winfield Corpora...
FTHD686 CONNOR-WINFIELD-FTHD686 Datasheet
97Kb / 2P
5.0V HF SINEWAVE OSCILLATOR Surface Mount
logo
Frequency Devices, Inc.
D45 FREQUENCYDEVICES-D45 Datasheet
442Kb / 3P
Sinewave Oscillator
logo
Caliber Electronics Inc...
STE315AT5 CALIBER-STE315AT5 Datasheet
45Kb / 1P
6 Pad Clipped Sinewave TCXO Oscillator
TA1S CALIBER-TA1S Datasheet
75Kb / 1P
SineWave (VC) TCXO Oscillator
logo
Crystek Corporation
CCSS-945 CRYSTEKCRYSTAL-CCSS-945 Datasheet
195Kb / 3P
SineWave Clock Oscillator
logo
CRYSTEK CORPORATION
CCO-983 CRYSTEKMICROWAVE-CCO-983 Datasheet
158Kb / 2P
high frequency sinewave crystal oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com