Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FIB1 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # FIB1
Description  Single Channel Filter Mounting Box
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

FIB1 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  FIB1 Datasheet HTML 1Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FIB1
Single Channel
For Fixed Frequency Filters
Filter Mounting Box
1
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
Description
The FIB1 Filter in a Box eliminates the need to
breadboard or hand-wire filter modules into individual
test set-ups.
FIB1s’ come factory assembled with your choice of one
of our fixed frequency filters already installed. Each
FIB1 has its own ±15 volts power supply and BNC
connectors for the inputs and outputs. The FIB1 will
work with any of the D01-EVR, D61, D64, D66, D68,
D70, D72, D74, D76, D78, or D100 series filter modules.
Features/Benefits
• No more building of breadboards
• Single channel enclosed box for protecting the
filter and its wiring
• Accepts a broad range of FDI filter modules allowing
for selected cut off frequency and transfer function
• Provides easy connection to the filter with simple
industry standard BNC connectors
• Reduced engineering design, set up, and test time
• Provisions for adjusting the DC offset of the installed
filter
• Analog power supply to minimize noise
Applications
• Aerospace, navigation, sonar applications
• ATE, research and development
• Automotive and transportation
• Communication systems and electronics
• Data acquisition systems
• Industrial process control
• Medical electronics equip. and research
• Sound and vibration testing
• Noise elimination
• Signal reconstruction
Low-Pass Filters Available
D01-EVR 4, 6, and 8 pole 100 Hz to 1 MHz
D61 4-pole 0.05 Hz to 1.00 Hz
D64 4-pole 1.00 Hz to 100.0 kHz
D66 6-pole 1.00 Hz to 100.0 kHz
D68 8-pole 1.00 Hz to 100.0 kHz
D70 4, 6, 8-pole 100 Hz to 50.0 kHz
D72 2-pole 1.00 Hz to 100 kHz
D74 4-pole 1.00 Hz to 100 kHz
D76 6-pole 1.00 Hz to 100 kHz
D78 8-pole 1.00 Hz to 100 kHz
D100 4 & 8-pole 100 Hz to 100 kHz
High-Pass Filters Available
D61 4-pole 0.05 Hz to 1.00 Hz
D64 4-pole 1.00 Hz to 100.0 kHz
D66 6-pole 1.00 Hz to 100.0 kHz
D68 8-pole 1.00 Hz to 100.0 kHz
D70 4, 6, 8-pole 100 Hz to 50.0 kHz
D72 2-pole 1.00 Hz to 100 kHz
D74 4-pole 1.00 Hz to 100 kHz
D76 6-pole 1.00 Hz to 100 kHz
D78 8-pole 1.00 Hz to 100 kHz
Band-Pass Filters Available
D64BP 2-pole pair 1.00 Hz to 100.0 kHz
D68BP 4-pole pair 1.00 Hz to 100.0 kHz
D100 2-pole pair 100 Hz to 100.0 kHz
Band-Reject (Notch) Filters Available
D68BR 4-pole pair 1.00 Hz to 100.0 kHz


Similar Part No. - FIB1

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FIBCCT PANDUIT-FIBCCT Datasheet
103Kb / 2P
MTP Connector Cleaning Tools
logo
Panasonic Semiconductor
FIBER PANASONIC-FIBER Datasheet
8Mb / 16P
Digital Fiber Sensor
logo
Coherent Corp
FIBER-CABLE-RECEIVERS COHERENT-FIBER-CABLE-RECEIVERS Datasheet
588Kb / 5P
Fiber Cable Receivers
logo
AEROTECH US. ALL RIGHTS...
FIBERMAXHP-ZXY AEROTECH-FIBERMAXHP-ZXY Datasheet
2Mb / 18P
Multi-Axis Photonics Alignment System
FIBERMAXHP-ZXYP AEROTECH-FIBERMAXHP-ZXYP Datasheet
2Mb / 18P
Multi-Axis Photonics Alignment System
More results

Similar Description - FIB1

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
FMA-01S FREQUENCYDEVICES-FMA-01S Datasheet
146Kb / 3P
Single Channel Filter Mounting Assembly
FMA-02A FREQUENCYDEVICES-FMA-02A Datasheet
395Kb / 2P
Single Channel Filter Mounting Assembly
FMA-03A FREQUENCYDEVICES-FMA-03A Datasheet
541Kb / 2P
Single Channel Filter Mounting Assembly
FMA-04A FREQUENCYDEVICES-FMA-04A Datasheet
438Kb / 2P
Single Channel Filter Mounting Assembly
logo
FERYSTER Inductive Comp...
TOR-V-18-VGH FERYSTER-TOR-V-18-VGH Datasheet
80Kb / 1P
Box for toroids for SMD mounting
logo
Japan Aviation Electron...
JL05-2A22-14PCW-FO-R JAE-JL05-2A22-14PCW-FO-R Datasheet
296Kb / 1P
BOX MOUNTING RECEPTACLE
logo
PREMO CORPORATION S.L
FAM_FILE00000047 PREMO-FAM_FILE00000047 Datasheet
127Kb / 1P
CHASSIS MOUNTING SINGLE STAGE FILTER
logo
ITT Industries
CA3102E10SL4PB ITT-CA3102E10SL4PB Datasheet
205Kb / 1P
Box mounting receptacle
logo
List of Unclassifed Man...
ABAC13W1735SN ETC2-ABAC13W1735SN Datasheet
117Kb / 1P
BOX MOUNTING RECEPTACLE
logo
Lumins Inc.
CL315 LUMINIS-CL315 Datasheet
134Kb / 2P
Cast aluminum mounting box
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com