Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R854 Datasheet(PDF) 13 Page - Frequency Devices, Inc.

Part # R854
Description  2" x 4" Range Switch 4-Pole Filters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

R854 Datasheet(HTML) 13 Page - Frequency Devices, Inc.

Back Button R854 Datasheet HTML 5Page - Frequency Devices, Inc. R854 Datasheet HTML 6Page - Frequency Devices, Inc. R854 Datasheet HTML 7Page - Frequency Devices, Inc. R854 Datasheet HTML 8Page - Frequency Devices, Inc. R854 Datasheet HTML 9Page - Frequency Devices, Inc. R854 Datasheet HTML 10Page - Frequency Devices, Inc. R854 Datasheet HTML 11Page - Frequency Devices, Inc. R854 Datasheet HTML 12Page - Frequency Devices, Inc. R854 Datasheet HTML 13Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
High-Pass
4-Pole, 0.5 dB Ripple
Appendix A
Chebychev
33
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7 8
-100
-80
-60
-40
-20
0
(sec)
Theoretical Transfer Characteristics
1
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.20
1.50
1.70
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
.133
.107
.088
.498
.401
.296
.221
.169
.500
.014
.043
.249
.469
-26.8
-20.2
-14.0
-8.13
-3.01
-91.9
-67.6
-53.1
-42.6
-34.1
21.8
19.3
17.3
62.7
45.5
35.7
29.4
25.0
179
133
117
98.2
76.9
317
307
293
274
245
354
347
341
334
326
.008
.006
.005
.065
.035
.021
.014
.010
.693
.271
.199
.146
.095
.263
.326
.440
.651
.946
.174
.179
.188
.203
.226



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com