Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R858 Datasheet(PDF) 13 Page - Frequency Devices, Inc.

Part # R858
Description  2" x 4" Range Switch 8-Pole Filters
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

R858 Datasheet(HTML) 13 Page - Frequency Devices, Inc.

Back Button R858 Datasheet HTML 9Page - Frequency Devices, Inc. R858 Datasheet HTML 10Page - Frequency Devices, Inc. R858 Datasheet HTML 11Page - Frequency Devices, Inc. R858 Datasheet HTML 12Page - Frequency Devices, Inc. R858 Datasheet HTML 13Page - Frequency Devices, Inc. R858 Datasheet HTML 14Page - Frequency Devices, Inc. R858 Datasheet HTML 15Page - Frequency Devices, Inc. R858 Datasheet HTML 16Page - Frequency Devices, Inc. R858 Datasheet HTML 17Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
8-Pole, 6-Zero
Elliptic, 1.56
Low-Pass
Frequency Response
Appendix A
23
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com ∑Web Address: http://www.freqdev.com ∑
Normalized Time (1/f sec)
Normalized Time (1/f sec)
Delay
(Normalized)
Step Response
Normalized Frequency(f/fc)
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0.1
1.0
2
3
4
5 6 7 8 9
0.0
2.0
4.0
1.5
0.15
0.8
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
(sec)
Theoretical Transfer Characteristics
1
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
4.00
5.00
6.00
7.00
2.40
2.60
2.80
3.00
3.50
1.85
1.90
1.95
2.00
2.20
1.50
1.60
1.70
1.75
1.80
1.00
1.10
1.20
1.30
1.40
0.75
0.80
0.85
0.90
0.95
0.50
0.55
0.60
0.65
0.70
8.00
9.00
10.0
0.00
0.10
0.20
0.30
0.40
-90.11
-91.82
-93.41
-84.04
-84.76
-86.45
-88.31
-88.65
-99.78
-99.97
-90.20
-85.09
-95.94
-89.31
-86.44
-84.96
-84.54
-69.11
-89.09
-85.32
-89.95
-103.5
-0.050
-10.48
-25.96
-39.45
-52.87
-0.049
-0.026
-0.001
-0.024
-0.045
-0.018
-0.003
-0.002
-0.019
-0.042
0.00
-0.001
-0.013
-0.040
-0.049
-165
-167
-168
-150
-156
-160
-163
-307
-311
-135
-139
-145
-288
-290
-292
-295
-302
-624
-453
-459
-463
-465
-414
-531
-576
-598
-614
-255
-279
-305
-335
-369
-156
-174
-192
-212
-233
0.00
-29.7
-59.8
-90.5
-122
0.005
0.004
0.003
0.022
0.014
0.009
0.007
0.069
0.057
0.048
0.041
0.029
0.158
0.126
0.117
0.110
0.087
0.265
0.211
0.174
0.156
0.147
3.062
2.043
0.814
0.493
0.348
1.264
1.388
1.557
1.767
2.111
0.972
1.016
1.064
1.116
1.178
0.823
0.829
0.844
0.865
0.904



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com