Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPPDF-01 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # SPPDF-01
Description  FIR Filter Development Suite for SPPDM-01
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SPPDF-01 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  SPPDF-01 Datasheet HTML 1Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
Integrates with
MatLab™ V5.3 or V6.0
SPPDF-01
FIR Filter Development Suite
for SPPDM-01
Description
The SPPDF-01 is a Development Suite for the dual
channel SPPDM-01 FIR filter platform.
This
provides a user-friendly design environment for
development of Digital FIR filter solutions in the
audio frequency range from 100 Hz to 20 kHz. By
combining The MatLabTM mathematical engine
environment and the SPPDF-01 development
software, the suite enables the design engineer to
take advantage of a proven hardware platform with
a built in FIR filter to quickly and easily configure
dual-channel application specific FIR filter solutions.
In a small 2" x 2" footprint, the versatile dual
channel SPPDM-01, the brains of the SPPDF-01,
provides two fully programmed FIR filters.
After
loading the filter coefficient sets via the SPPDB-01
development board, the SPPDM-01 can be easily
removed and inserted directly into a production
subassembly. This capability significantly reduces
the time it takes to produce finished product
solutions. SPPDM-01’s combine 24-bit A/D’s and
D/A’s with a powerful DSP, 4 megabits of flash
memory and 256k bits of EEPROM for applications
requiring low signal-to-noise ratios of > 96 dB,
channel-to-channel phase match of 0.01º, and 9-
bits of tuning per channel.
By utilizing the SPPDF-01 suite of products, design
engineers have all the hardware and software tools
to design, prototype and implement a broad range
of FIR filter solutions in a standard footprint and
form factor.
This product development approach
significantly reduces the time it takes to design an
FIR filter (concept to production).
Features/Benefits:
• Significantly reduces product development time
by
incorporating
design
and
production
capabilities into a single subassembly solution.
• Minimizes design time by offering standard and
custom solutions in a universal footprint and pin-
out.
• Combines small size and precision performance
through the integration of real-time analog and
DSP technology.
• Provides cost effective design flexibility by
allowing engineers to easily revise products
through software upgrades without replacing the
hardware.
SPPDF-01 DEVELOPMENT SUITE:
• SPPDM-01: Dual Channel FIR Filter Platform
• SPPDB-01: Development Board hardware
• SPPDF-01: FIR Filter Design Suite, which utilizes the
SPPDM-01 and SPPDB-01 hardware along with
CDDF-01 software.
• CDDF-01: Software includes; example FIR filters, a
MatlabTM GUI linking the system to the MatlabTM Engine
V5.3 or V6.0, FIR filter development object code, a
coefficient file loading utility, library files, documents and
a User’s manual.
• DB9 RS232 Cable
PROVIDED BY CUSTOMER:
• Personal Computer
• MatLabTM V5.3 or V6.0, for FIR filter design.
OTHER FIR FILTER OPTIONS:
• SPPPF-01: A family of turnkey FIR filters available in a
set of standard ranges.
• Custom FIR Filters: Turnkey FIR filters can be
produced for the added cost of writing the code, see
SPPPF datasheet.


Similar Part No. - SPPDF-01

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
SPPDB-01 FREQUENCYDEVICES-SPPDB-01 Datasheet
189Kb / 2P
Development Board & Mounting Assembly for SPP-01 Series Products
SPPDM-01 FREQUENCYDEVICES-SPPDM-01 Datasheet
730Kb / 4P
Dual Channel, Differential Input FIR Filter Platform
SPPDS-01 FREQUENCYDEVICES-SPPDS-01 Datasheet
177Kb / 1P
Development Suite for SPP-01
More results

Similar Description - SPPDF-01

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT76C002 ATMEL-AT76C002 Datasheet
38Kb / 4P
Programmable FIR Filter
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256 Datasheet
423Kb / 28P
Programmable FIR Filter
logo
Zarlink Semiconductor I...
PDSP16256 ZARLINK-PDSP16256 Datasheet
205Kb / 25P
Programmable FIR Filter
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168_07 Datasheet
929Kb / 25P
Dual FIR Filter
April 18, 2007
logo
Mitel Networks Corporat...
PDSP16256 MITEL-PDSP16256_98 Datasheet
268Kb / 24P
Programmable FIR Filter
logo
Frequency Devices, Inc.
SPPDS-01 FREQUENCYDEVICES-SPPDS-01 Datasheet
177Kb / 1P
Development Suite for SPP-01
SPPDB-01 FREQUENCYDEVICES-SPPDB-01 Datasheet
189Kb / 2P
Development Board & Mounting Assembly for SPP-01 Series Products
logo
Intersil Corporation
HSP43168 INTERSIL-HSP43168 Datasheet
915Kb / 25P
Dual FIR Filter
logo
Silicon Laboratories
SI4455-2 SILABS-SI4455-2 Datasheet
325Kb / 9P
The kits support use of the Wireless Development Suite
logo
Renesas Technology Corp
HSP43168 RENESAS-HSP43168 Datasheet
851Kb / 25P
Dual FIR Filter
July 27, 2009
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com