Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM8PF Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # VM8PF
Description  Programmable VME Filter Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM8PF Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  VM8PF Datasheet HTML 1Page - Frequency Devices, Inc. VM8PF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
(@ 25°C and rated Power Input)
Model VM8PF
Programmable
VME Filter Board
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-VM8PF-01
Analog Input
1. Impedance
1 M
W
2. Input Range
+/-10V pk. linear
3. Maximum Input
+/-15V
4. Common Mode Rejection
70 dB typ., 60dB min. DC to 1 kHz
Analog Output
5. Impedance
1
W typ., 10 W max.
6. Linear Operating Range
+/-10V pk.
7. Channel to Channel Crosstalk
-95 dB typ. DC to 100 kHz
8. Maximum Current
+/-2mA
9. Offset Voltage
+/-2mV typ. trimmable to zero
10. Short Circuit Protection
Short to Ground
Filter Characteristics
11. See 824 and 828 Series specifications
12. External 8-bit CMOS latches hold frequency data
Gain
13. Low-pass
X1, +/-1%
High-pass
X1, +/-2%
VMEbus
14. Interface
A16/D16, D08(EO) Slave only, VME Spec. Rev. C.1
Power Supply
15. From VME Backplane
+5V, 3.5A max.
Environmental
16. Operating
0°C to +70°C
17. Storage
-25°C to +85°C
18. Humidity
0-95% non-condensing
Mechanical
19. Card Size
VMEbus 6U single slot 9.17 x 6.3 inches, (233 x 160 mm)
20. No. of Input Channels
8 Differential - DC coupled
21. No. of Output Channels
8 Single Ended - DC coupled
22. Mating Connectors
25-pin “D”, Quantity 3
23. Weight
3 lbs., (1.36 kg.)
8 CHANNEL PROGRAMMABLE FILTER BOARD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com