Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM2.0PAFF Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # VM2.0PAFF
Description  Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM2.0PAFF Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  VM2.0PAFF Datasheet HTML 1Page - Frequency Devices, Inc. VM2.0PAFF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
(@ 25°C and rated power Input)
Model VM2.0PAFF
WIdeband Programmable
Gain Amplifier with
Fixed Frequency Filter
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-VM2.0PAFF-00
Analog Input
1. Impedance
1 M
W//22 pF
2. Maximum Input
20V pk-pk each leg
3. Linear Input Range
±8V pk
4. AC Couple (Optional
Fixed Freq.)
20 Hz to 1.0 kHz
5. CMRR
≥ 50 dB, DC to 100 kHz
≥ 40 dB, DC to 2 MHz
Analog Output
6. Impendance
1.0
W typ., 10W max.
7. Offset Voltage
25 mV typ., 50 mV max.
8. Linear Operating Range
±4V into 500
W
9. Offset Temp. Coeff.
±(5 + 100/G) µV/°C max.
Filter Characteristics
10. Anti-Alias Filtering
Fixed frequency 4-pole low-pass Butterworth or Bessel
11. Cut-off Frequency fc (-3dB)
>100 kHz to 2.0 MHz
12. Amplitude Match*
±0.2 dB @ DC
13. Phase Match*
2.0° max. @ fc
14. Noise Voltage Density, RTI
25nV/√ Hz@ 1 kHz
15. Distortion (2 V pk-pk)
≤ -60 dB to 100 kHz
≤ -50 dB, 100 kHz to 2.0 MHz
Gain
16. Gain Programming (G)
0.25X to 64X in factors of 2:1 (before filtering)
32 channels programmed over VMEbus with read-back
17. Gain Accuracy @ DC
±0.1 dB max.
VMEbus
18. Interface
A16/D16, D08 (EO), Slave
19. Registers
Three active R/W registers in 64 byte blocks
Power Supply
20. From VME Backplane
+5V – 1.0A max.
±12 – 0.7A max. each
Environmental
21. Operating Temp.
0°C to +70°C
22. Storage Temp.
-25°C to +85°C
23. Humidity
0-95% non-condensing
Mechanical
24. Card Size
VMEbus 6U single slot 9.17 x 6.3 inches, (233 x 160 mm)
25. No. of Input Channels
32 – DC coupled
26. No. of Output Channels
32 Single ended – DC coupled, Two groups of 16
27. Mating Connectors
Input:
Male high density 78-pin D sub, Quantity 1
Output: Female high density 44-pin D sub, Quantity 2
28. Weight
1 LB., (454 grams)
*Any two channels set to same gain and loading
32 CHANNEL VME SIGNAL CONDITIONING BOARD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com