Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM32PA Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # VM32PA
Description  Programmable Amplifier VME Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM32PA Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  VM32PA Datasheet HTML 1Page - Frequency Devices, Inc. VM32PA Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
(@ 25°C and rated Power Input)
Model VM32PA
Programmable Amplifiers
VME Board
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us.
We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-VM32PA-00
Analog Input
1. Impedance
1 M
Ω//22pF
2. Maximum Input
± 15 V
3. AC Couple (Optional
Fixed Freq.)
10 Hz to 1.0 kHz
Analog Output
4. Impedance
1.0
Ω typ., 10Ω max.
5. Linear Operating Range
±5V, Output clamped to ±9 V
6. Channel to Channel Crosstalk
<-100dB @ 1 kHz, <-90dB @ 20 kHz
7. Maximum Current
5.0mA
8. Offset Voltage
2mV RTI, NTE 40mV max.
9. Offset Temp. Coeff., RTI
±(5 +100/G)
µV/°C max.
Amplifier Characteristics
10. Signal Bandwidth (-3dB)
100kHz gain
≥6dB, 500kHz gain <6dB
11. Amplitude Match*
±0.1dB @ DC, linear to ±0.25dB at fc
12. Phase Match*
0.2° typ., 1° max. @ fc
13. Noise Voltage, RTI
20nV/√Hz @ 1 kHz, G=1,000
14. Distortion PGA5, G=1X
-83dB, 1 kHz single ended
@ 1VRMS Output, RL=2k
Ω
-86dB, 1 kHz differential
Gain
15. Gain Programming (G)
0.25X to 1024X in factors of 2:1
32 channels programmed over VMEbus with read-back
16. Gain Accuracy @ DC
±0.1dB max.
VMEbus
17. Interface
A16/D16, D08 (EO), Slave
18. Registers
Three active R/W registers in 64 byte blocks
Power Supply
19. From VME Backplane
+5V - 1.0A max.
±12 - 0.7A max.
Environmental
20. Operating
0°C to +70°C
21. Storage
-25°C to +85°C
22. Humidity
0-95% non-condensing
Mechanical
23. Card Size
VMEbus 6U single slot 9.17 x 6.3 inches, (233 x 160 mm)
24. No. of Input Channels
32 Differential
25. No. of Output Channels
32 Single Ended, Two groups of 16
26. Differential Output (Optional)
27. Mating Connectors
Input: Male high density 78-pin D-sub, Quantity 1
Output: Female high density 44-pin D-sub, Quantity 2
28. Weight
1 LB., (454 grams)
* Any two channels set to same gain and loading
32 CHANNEL VME PROGRAMMABLE AMPLIFIER BOARD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com