Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM32PA2.0 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # VM32PA2.0
Description  Programmable Amplifier >100 kHz to 2.0 MHz VME Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM32PA2.0 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  VM32PA2.0 Datasheet HTML 1Page - Frequency Devices, Inc. VM32PA2.0 Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
(@ 25°C and rated power Input)
VM32PA2.0
Wideband Programmable
Gain Amplifier
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-VMVM32PA2.0-00
Analog Input
1. Impedance
1 M
Ω differential, 500 kΩ to ground, each leg
2. Linear input range
8 V pk-pk, each leg
3. CMRR
≥ 50 dB, DC to 100 kHz
≥ 40 dB, 100 kHz to 2 MHz
4. Maximum input range
20 V pk-pk, each leg
5. AC coupling (Optional
Fixed Freq.)
20 Hz to 1.0 kHz
Analog Output
6. Impedance
50
Ω, single-ended
7. Drive capability
≥ 50 Ω load impedance
8. Linear operating range
2 V pk-pk
9. Offset voltage
< 25 mV typ. at output
10. Offset temp. coeff.
1.5 mV/°C at output
25 mV/°C referred to input
Programmable Amplifier
11. Signal bandwidth (-3 dB)
2 MHz
12. Amplitude match
0.2 dB over specified bandwidth, chan. to chan.
13. Phase match
±2.0° over specified bandwidth
14. Noise voltage density, RTI
16 nV/
√Hz
__
15. Distortion (2 V pk-pk)
≤ -60 dB, 20 Hz to 100 kHz
≤ -50 dB, 100 kHz to 2 MHz
16. Gain programming
0.25X to 64X in factors of 2
17. Gain accuracy
± 0.1 dB
VMEbus
18. Interface
A16/D16, D08 (EO), Slave
19. Registers
Three active R/W registers in 64 byte blocks
Power Supply
20. From VME Backplane
+5V – 1.0A max.
±12 - 1.25A max.
Environmental
21. Operating
0°C to +70°C
22. Storage
-25°C to +85°C
23. Humidity
0 - 95% non-condensing
Mechanical
24. Card Size
VMEbus 6U single slot 9.17 x 6.3 inches, (233 x 160 mm)
25. No. of Input Channels
32 Differential
26. No. of Output Channels
32 Single Ended, Two groups of 16
27. Mating Connectors
Input:
Male high density 78-pin D sub, Quantity 1
Output: Female high density 44-pin D sub, Quantity 2
28. Weight
1.0 LBs., (454 grams)
32 CHANNEL VME SIGNAL CONDITIONING BOARD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com