Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWSO-03 Datasheet(PDF) 3 Page - Frequency Devices, Inc.

Part # SWSO-03
Description  2??X 2??Oscillators: Dual Channel & Quadrature
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

SWSO-03 Datasheet(HTML) 3 Page - Frequency Devices, Inc.

  SWSO-03 Datasheet HTML 1Page - Frequency Devices, Inc. SWSO-03 Datasheet HTML 2Page - Frequency Devices, Inc. SWSO-03 Datasheet HTML 3Page - Frequency Devices, Inc. SWSO-03 Datasheet HTML 4Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPPOSC Series
2” X 2”
(Low Distortion) 1 Hz to 102.4 kHz
Oscillators: Dual Channel
8 or 9-Bit Frequency Selectable
& Quadrature
3
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com
• Web Address: http://www.freqdev.com
SPPOSC-01 & 02
Performance Specifications
Available Tuning Range
1.00 Hz to 102.4 kHz
Frequency Accuracy
<
± 0.05 %
Amplitude Accuracy
<
± 0.1 dB
Total Broad Band Noise
(Ref to 3.53 VRMS)
< -100dB Max., -105dB Typ.
Total Harm. Dist.(THD)
(10V peak to peak
)
<-100 dB Max. to 20 kHz
< - 80 dB Max. to 102.4 kHz
Channel to Channel
phase tracking
<
± 0.10°
(SWDO-01 to 05)
Cross talk dual channel
version with different
frequencies on each
channel.
1 Hz –10K < - 100 dB Typ.
10kH - 100K < - 90 dB Typ.
There are three software configurations available
for these SPPOSC-01 / –02 oscillators.
Software Options:
1. SWDO-01 to –05: Dual channel with
independently selectable frequencies.
2. SWSO-01 to –04: Dual Channel, same output
and same frequency selection.
3. SWQO-01 to –04: Quadrature, single
frequency selection and Sine/Cosine outputs.
All
configurations
are
available
with
custom
frequency selections.
Consult factory for a
quotation.
These special programs will be assigned a custom
suffix (CXX) at the time of order.
Specifications
(@25
°C and Vs = ±15 Vdc)
Analog Output Characteristics
Minimum load Impedance
10 k
Ω
Maximum capacitive load
50 pF.
Output voltage
± 5 V peak (sine wave)
Offset Voltage
2 mV Typ. 10mV Max.
Power Supply (±Vs)
Analog Vs range
±10Vdc Min to ±15 Vdc Max.
Analog supply current at Max. Vs
17 mA Typ.
Digital PS Voltage
+5 Vdc
Digital supply current
150 mA Typ.
Power consumption at Max. Vs
1.5 watts Max.
Care must be taken to stay above the
minimum Vs in order to maintain the
linearity and distortion performance of the
oscillator.
Temperature
Operating
0 to +70oC
Storage
-25 to +85oC
Size
2.0” x 2.0” x 0.5”
A
socketed
development
board
(SPPDB-01) can double as an oscillator
mounting assembly, to facilitate product
evaluation or laboratory use.
The SPPDB-01 development board is
specified and sold separately.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com