Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VM300PAFF Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # VM300PAFF
Description  Programmable Amplifiers with Fixed Frequency Filters VME Board
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

VM300PAFF Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  VM300PAFF Datasheet HTML 1Page - Frequency Devices, Inc. VM300PAFF Datasheet HTML 2Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
(@ 25°C and rated Power Input)
Model VM300PAFF
Programmable Amplifiers
with Fixed Frequency Filters
VME Board
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
We hope the information given here will be helpful. The information is based on data and our best knowledge, and we consider the information to be true and accurate. Please read all statements,
recommendations or suggestions herein in conjunction with our conditions of sale which apply to all goods supplied by us. We assume no responsibility for the use of these statements,
recommendations or suggestions, nor do we intend them as a recommendation for any use which would infringe any patent or copyright.
PR-VM300PAFF-00
Analog Input
1. Impedance
1 M
W//22pF
2. Maximum Input
±15V
3. AC Couple (Optional
Fixed Freq.)
10 Hz to 1 kHz
Analog Output
4. Impedance
1.0
W typ., 10W max.
5. Linear Operating Range
±5V, Output clamped to ±9 V
6. Channel to Channel Crosstalk
<-100dB @ 1 kHz, <-90dB @ 20 kHz
7. Maximum Current
5.0mA
8. Offset Voltage
2mV RTI, NTE 25mV max.
9. Offset Temp. Coeff., RTI
±(5 + 100/G)
mV/°C max.
Filter Characteristics
10. Anti-alias filtering
3-pole low-pass Butterworth or Bessel fixed frequency
11. Cut-off Frequency fc (-3dB)
Fixed frequency from 100 Hz to 300 kHz
12. Amplitude Match*
±0.1dB @ DC, linear to ±0.25dB at fc
13. Phase Match*
0.5° typ., 2.0° max. @ fc
14. Noise Voltage, RTI
20nV/√Hz @ 1 kHz, G=128
15. Distortion PGA5, G=1X
-83dB, 1 kHz single ended
@ 1VRMS Output, RL=2k
W
-86dB, 1 kHz differential
Gain
16. Gain Programming (G)
0.25X to 128X in factors of 2:1 (before filtering)
32 channels programmed over VMEbus with read-back
17. Gain Accuracy @ DC
±0.1dB max.
VMEbus
18. Interface
A16/D16, D08 (EO), Slave
19. Registers
Three active R/W registers in 64 byte block
Power Supply
20. From VME Backplane
+5V - 1.0A max.
±12 - 0.7A max. each
Environmental
21.Operating
0°C to +70°C
22. Storage
-25°C to +85°C
23. Humidity
0-95% non-condensing
Mechanical
24. Card Size
VMEbus 6U single slot 9.17 x 6.3 inches, (233 x 160 mm)
25. No. of Input Channels
32 Differential - DC coupled
26. No. of Output Channels
32 Single Ended - DC coupled, Two groups of 16
27. Differential Output (Optional)
28. Mating Connectors
Input: Male high density 78-pin D-sub
Output: Female high density 44-pin D-sub
29. Weight
1 LB., (454 grams)
* Any two channels set to same gain and loading
32 CHANNEL VME SIGNAL CONDITIONING BOARD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com