Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L293DN Datasheet(PDF) 1 Page - Texas Instruments

Part # L293DN
Description  QUADRUPLE HALF-H DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293DN Datasheet(HTML) 1 Page - Texas Instruments

  L293DN Datasheet HTML 1Page - Texas Instruments L293DN Datasheet HTML 2Page - Texas Instruments L293DN Datasheet HTML 3Page - Texas Instruments L293DN Datasheet HTML 4Page - Texas Instruments L293DN Datasheet HTML 5Page - Texas Instruments L293DN Datasheet HTML 6Page - Texas Instruments L293DN Datasheet HTML 7Page - Texas Instruments L293DN Datasheet HTML 8Page - Texas Instruments L293DN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Featuring Unitrode L293 and L293D
Products Now From Texas Instruments
D Wide Supply-Voltage Range: 4.5 V to 36 V
D Separate Input-Logic Supply
D Internal ESD Protection
D Thermal Shutdown
D High-Noise-Immunity Inputs
D Functionally Similar to SGS L293 and
SGS L293D
D Output Current 1 A Per Channel
(600 mA for L293D)
D Peak Output Current 2 A Per Channel
(1.2 A for L293D)
D Output Clamp Diodes for Inductive
Transient Suppression (L293D)
description/ordering information
The L293 and L293D are quadruple high-current
half-H drivers. The L293 is designed to provide
bidirectional drive currents of up to 1 A at voltages
from 4.5 V to 36 V. The L293D is designed to
provide bidirectional drive currents of up to
600-mA at voltages from 4.5 V to 36 V. Both
devices are designed to drive inductive loads such
as relays, solenoids, dc and bipolar stepping
motors, as well as other high-current/high-voltage
loads in positive-supply applications.
All inputs are TTL compatible. Each output is a
complete
totem-pole
drive
circuit,
with
a
Darlington
transistor
sink
and
a
pseudo-
Darlington source. Drivers are enabled in pairs, with drivers 1 and 2 enabled by 1,2EN and drivers 3 and 4
enabled by 3,4EN. When an enable input is high, the associated drivers are enabled, and their outputs are active
and in phase with their inputs. When the enable input is low, those drivers are disabled, and their outputs are
off and in the high-impedance state. With the proper data inputs, each pair of drivers forms a full-H (or bridge)
reversible drive suitable for solenoid or motor applications.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
HSOP (DWP)
Tube of 20
L293DWP
L293DWP
0
°C to 70°C
PDIP (N)
Tube of 25
L293N
L293N
0
°C to 70°C
PDIP (NE)
Tube of 25
L293NE
L293NE
PDIP (NE)
Tube of 25
L293DNE
L293DNE
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
HEAT SINK AND
GROUND
HEAT SINK AND
GROUND
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1,2EN
1A
1Y
2Y
2A
VCC2
VCC1
4A
4Y
3Y
3A
3,4EN
L293 ...N OR NE PACKAGE
L293D . . . NE PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1,2EN
1A
1Y
NC
NC
NC
NC
NC
2Y
2A
VCC2
VCC1
4A
4Y
NC
NC
NC
NC
NC
3Y
3A
3,4EN
L293 . . . DWP PACKAGE
(TOP VIEW)
HEAT SINK AND
GROUND
HEAT SINK AND
GROUND


Similar Part No. - L293DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293DN TI-L293DN Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
L293DNE TI-L293DNE Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
L293DNE TI1-L293DNE Datasheet
501Kb / 21P
Quadruple Half-H Drivers
L293DNE TI2-L293DNE Datasheet
352Kb / 19P
L293x Quadruple Half-H Drivers
REVISED JANUARY 2016
L293DNE.A TI2-L293DNE.A Datasheet
352Kb / 19P
L293x Quadruple Half-H Drivers
REVISED JANUARY 2016
More results

Similar Description - L293DN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN754410 TI-SN754410 Datasheet
109Kb / 7P
QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
QUADRUPLE HALF-H DRIVER
L293N TI-L293N Datasheet
495Kb / 18P
QUADRUPLE HALF-H DRIVERS
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
QUADRUPLE HALF-H DRIVER
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Texas Instruments
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
L293D TI1-L293D_16 Datasheet
501Kb / 21P
Quadruple Half-H Drivers
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
0.6A, 14V Half H-bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com