Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC3944A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC3944A
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC3944A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC3944A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC3944A Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC3944A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3944 2SC3944A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SC3944
150
V(BR)CEO
Collector-emitter
breakdown voltage
2SC3944A
IC=1mA; IB=0
180
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10μA; IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=0.5 A;IB=50m A
2.0
V
VBEsat
Base-emitter saturation voltage
IC=0.5 A;IB=50m A
2.0
V
2SC3944
VCB=150V; IE=0
ICBO
Collector
cut-off current
2SC3944A
VCB=180V; IE=0
10
μA
hFE-1
DC current gain
IC=150mA ; VCE=10V
95
220
hFE-2
DC current gain
IC=500mA ; VCE=5V
50
fT
Transition frequency
IC=50mA ; VCB=10V
200
MHz
COB
Output capacitance
IE=0; VCB=10V;f=1MHz
30
pF
hFE classifications
Q
R
95-155
130-220



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com