Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L293DSP883B Datasheet(PDF) 6 Page - Texas Instruments

Part # L293DSP883B
Description  QUADRUPLE HALF-H DRIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293DSP883B Datasheet(HTML) 6 Page - Texas Instruments

Back Button L293DSP883B Datasheet HTML 2Page - Texas Instruments L293DSP883B Datasheet HTML 3Page - Texas Instruments L293DSP883B Datasheet HTML 4Page - Texas Instruments L293DSP883B Datasheet HTML 5Page - Texas Instruments L293DSP883B Datasheet HTML 6Page - Texas Instruments L293DSP883B Datasheet HTML 7Page - Texas Instruments L293DSP883B Datasheet HTML 8Page - Texas Instruments L293DSP883B Datasheet HTML 9Page - Texas Instruments L293DSP883B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
Output
CL = 30 pF
(see Note A)
VCC1
Input
3 V
TEST CIRCUIT
tf
tr
3 V
0
tPHL
VOH
tTHL
tTLH
VOLTAGE WAVEFORMS
tPLH
Output
Input
VOL
tw
NOTES: A. CL includes probe and jig capacitance.
B. The pulse generator has the following characteristics: tr ≤ 10 ns, tf ≤ 10 ns, tw = 10 µs, PRR = 5 kHz, ZO = 50 Ω.
Pulse
Generator
(see Note B)
5 V
24 V
VCC2
A
EN
Y
90%
90%
50%
10%
50%
10%
90%
90%
50%
10%
50%
10%
Figure 1. Test Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com