Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4581 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SC4581
Description  2SC4581
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4581 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SC4581 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4581 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4581 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SC4581
DESCRIPTION
·With TO-3PML package
·High voltage,high speed
·Switching power transistor
PINNING
PIN
DESCRIPTION
1
Base
2
Collector
3
Emitter
Absolute maximum (Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
600
V
VCEO
Collector-emitter voltage
Open base
450
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
10
A
ICM
Collector current-peak
20
A
IB
Base current
4
A
IBM
Base current-peak
8
A
PC
Collector power dissipation
TC=25℃
65
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
1.92
℃/W
Fig.1 simplified outline (TO-3PML) and symbol


Similar Part No. - 2SC4581

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4581 SHINDENGEN-2SC4581 Datasheet
443Kb / 10P
Switching Power Transistor(10A NPN)
logo
Savantic, Inc.
2SC4581 SAVANTIC-2SC4581 Datasheet
156Kb / 3P
Silicon NPN Power Transistors
2SC4581 SAVANTIC-2SC4581 Datasheet
158Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4581 NJSEMI-2SC4581 Datasheet
130Kb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com