Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4883A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SC4883A
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC4883A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC4883A Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC4883A Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SC4883A Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SC4883A Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC4883 2SC4883A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SC4883
150
V(BR)CEO
Collector-emitter
breakdown voltage
2SC4883A
IC=10mA ; IB=0
180
V
VCEsat
Collector-emitter saturation voltage
IC=0.7A;IB=70mA
1.0
V
2SC4883
VCB=150V;IE=0
10
μA
ICBO
Collector cut-off
current
2SC4883A
VCB=180V;IE=0
10
μA
IEBO
Emitter cut-off current
VEB=6V; IC=0
10
μA
hFE
DC current gain
IC=0.7A ; VCE=10V
60
240
fT
Transition frequency
IC=-0.7A ; VCE=12V
120
MHz
COB
Output capacitance
IE=0 ; VCB=10V;f=1MHz
30
pF
Switching time
ton
Turn-on time
0.50
μs
ts
Storage time
1.50
μs
tf
Fall time
IC=1A ;IB1=-IB2=0.1A
VCC=20V ,RL=20Ω
0.50
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com