Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD600 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD600
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD600 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD600 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD600 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD600 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SD600
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 10μA ; IE= 0
100
V
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 1mA ; RBE= ∞
100
V
V(BR)EBO
Emitter-Base Breakdown Vltage
IE= 10μA ; IC= 0
5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 500mA; IB= 50mA
0.4
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 500mA; IB= 50mA
1.2
V
ICBO
Collector Cutoff Current
VCB= 50V; IE= 0
1
μA
IEBO
Emitter Cutoff Current
VEB= 4V; IC= 0
1
μA
hFE-1
DC Current Gain
IC= 50mA ; VCE= 5V
60
320
hFE-2
DC Current Gain
IC= 500mA ; VCE= 5V
20
fT
Current-Gain—Bandwidth Product
IC= 50mA ; VCE= 10V
130
MHz
COB
Output Capacitance
IE= 0; VCB= 10V,ftest= 1MHz
20
pF
Switching times
tf
Fall Time
0.1
μs
toff
Turn-Off Time
0.5
μs
tstg
Storage Time
IC= 500mA ,RL=24Ω,
IB1= -IB2= 50m A,VCE= 12V
0.7
μs
hFE-1 Classifications
D
E
F
60-120
100-200
160-320
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com