Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD600K Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD600K
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD600K Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD600K Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD600K Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD600K Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SD600K Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD600 2SD600K
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SD600
100
V(BR)CEO
Collector-emitter
breakdown voltage
2SD600K
IC=1mA; RBE=∞
120
V
2SD600
100
V(BR)CBO
Collector-base
breakdown voltage
2SD600K
IC=10μA ;IE=0
120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10μA ;IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=0.5A ;IB=50mA
0.4
V
VBEsat
Base-emitter saturation voltage
IC=0.5A ;IB=50mA
1.2
V
ICBO
Collector cut-off current
VCB=50V; IE=0
1
μA
IEBO
Emitter cut-off current
VEB=4V; IC=0
1
μA
hFE-1
DC current gain
IC=50mA ; VCE=5V
60
320
hFE-2
DC current gain
IC=0.5A ; VCE=5V
20
fT
Transition frequency
IC=50mA ; VCE=10V
130
MHz
COB
Collector output capacitance
f=1MHz ; VCB=10V
20
pF
Switching times
tf
Fall time
0.1
μs
toff
Turn-off time
0.5
μs
tstg
Storage time
IC=500mA ; VCE=12V
IB1=-IB2=50mA
0.7
μs
hFE-1 Classifications
D
E
F
60-120
100-200
160-320
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com