Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD612 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD612
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD612 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD612 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD612 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD612 Datasheet HTML 3Page - Inchange Semiconductor Company Limited 2SD612 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD612 2SD612K
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SD612
25
V(BR)CEO
Collector-emitter
breakdown voltage
2SD612K
IC=1mA; RBE=∞
35
V
2SD612
25
V(BR)CBO
Collector-base
breakdown voltage
2SD612K
IC=10μA ;IE=0
35
V
V(BR)EBO
Emitter-base breakdown voltage
IE=10μA ;IC=0
5
V
VCEsat
Collector-emitter saturation voltage
IC=1.5A ;IB=0.15A
0.3
0.8
V
VBEsat
Base-emitter saturation voltage
IC=1.5A ;IB=0.15A
1.1
1.5
V
ICBO
Collector cut-off current
VCB=20V; IE=0
1
μA
IEBO
Emitter cut-off current
VEB=4V; IC=0
1
μA
hFE-1
DC current gain
IC=0.5A ; VCE=2V
60
320
hFE-2
DC current gain
IC=1.5A ; VCE=2V
30
fT
Transition frequency
IC=50mA ; VCE=10V
100
MHz
COB
Collector output capacitance
f=1MHz ; VCB=10V
30
pF
Switching times
ton
Turn-on time
0.05
μs
tf
Fall time
0.10
μs
tstg
Storage time
IC=500mA ; VCE=12V
IB1=-IB2=50mA
0.40
μs
hFE-1 Classifications
D
E
F
60-120
100-200
160-320
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com