Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD794 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SD794
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD794 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SD794 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD794 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD794 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD794 2SD794A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SD794
45
V(BR)CEO
Collector-emitter
breakdown voltage
2SD794A
IC=10mA; IB=0
60
V
VCEsat
Collector-emitter saturation voltage
IC=1.5A ;IB=0.15A
0.3
2.0
V
VBEsat
Base-emitter saturation voltage
IC=1.5A ;IB=0.15A
0.8
2.0
V
ICBO
Collector cut-off current
VCB=45V; IE=0
1
μA
IEBO
Emitter cut-off current
VEB=3V; IC=0
1
μA
hFE-1
DC current gain
IC=20mA ; VCE=5V
30
70
hFE-2
DC current gain
IC=0.5A ; VCE=5V
60
100
320
fT
Transition frequency
IC=0.1A ; VCE=5V
60
MHz
COB
Collector output capacitance
f=1MHz ; VCB=10V;IE=0
40
pF
hFE-2 Classifications
R
O
Y
60-120
100-200
160-320
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com