Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4006 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4006
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4006 Datasheet(HTML) 2 Page - Linear Technology

  LTC4006_1 Datasheet HTML 1Page - Linear Technology LTC4006_1 Datasheet HTML 2Page - Linear Technology LTC4006_1 Datasheet HTML 3Page - Linear Technology LTC4006_1 Datasheet HTML 4Page - Linear Technology LTC4006_1 Datasheet HTML 5Page - Linear Technology LTC4006_1 Datasheet HTML 6Page - Linear Technology LTC4006_1 Datasheet HTML 7Page - Linear Technology LTC4006_1 Datasheet HTML 8Page - Linear Technology LTC4006_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
LTC4006
4006fa
Voltage from DCIN, CLP, CLN, TGATE, INFET,
ACP/SHDN, CHG to GND ....................... + 32V to – 0.3V
Voltage from CLP to CLN .....................................
±0.3V
CSP, BAT to GND ................................... +28V to – 0.3V
RT to GND ................................................. +7V to –0.3V
NTC ........................................................ +10V to – 0.3V
Operating Ambient Temperature Range
(Note 4) ............................................. – 40
°C to 85°C
Operating Junction Temperature ......... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
LTC4006EGN-2
LTC4006EGN-4
LTC4006EGN-6
TJMAX = 125°C, θJA = 110°C/W
The
● denotes specifications which apply over the full operating
temperature range (Note 4), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT = 12V unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ELECTRICAL CHARACTERISTICS
GN PART MARKING
GN PACKAGE
16-LEAD PLASTIC SSOP
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
DCIN
CHG
ACP/SHDN
RT
GND
NTC
ITH
IMON
INFET
BGATE
PGND
TGATE
CLN
CLP
BAT
CSP
40062
40064
40066
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DCIN Operating Range
628
V
IDCIN
DCIN Operating Current
Sum of Current from CLP, CLN, DCIN
3
5
mA
VTOL
Voltage Accuracy
(Note 2)
LTC4006-6
8.333
8.4
8.467
V
LTC4006-6
●
8.316
8.4
8.484
V
LTC4006-2
12.499
12.6
12.700
V
LTC4006-2
● 12.474
12.6
12.726
V
LTC4006-4
16.665
16.8
16.935
V
LTC4006-4
● 16.632
16.8
16.968
V
ITOL
Current Accuracy (Note 3)
VCSP – VBAT Target = 100mV
– 4
4
%
VBAT = 11.5V (LTC4006-2)
●
–5
5
%
VBAT = 7.6V (LTC4006-6)
VBAT = 12V (LTC4006-4)
VBAT < 6V, VCSP – VBAT Target = 10mV
– 60
60
%
6V
≤ VBAT ≤ VLOBAT,–40
40
%
VCSP – VBAT Target = 10mV
TTOL
Termination Timer Accuracy
RRT = 270k
●
–15
15
%
Shutdown
Battery Leakage Current
DCIN = 0V
20
35
µA
DCIN = 0V
●
25
45
µA
DCIN = 20V, VSHDN = 0V, VBAT = 12V
●
–10
0
10
µA
UVLO
Undervoltage Lockout Threshold
DCIN Rising, VBAT = 0V
●
4.2
4.7
5.5
V
Shutdown Threshold at ACP/SHDN
●
1
2.5
V
DCIN Current in Shutdown
VSHDN = 0V, Sum of Current from CLP,
2
3
mA
CLN, DCIN
Current Sense Amplifier, CA1
Input Bias Current Into BAT Pin
11.67
µA
CMSL
CA1/I1 Input Common Mode Low
●
0V
CMSH
CA1/I1 Input Common Mode High
●
VCLN – 0.2
V
(Note 1)
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com