Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4007 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4007
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007 Datasheet(HTML) 2 Page - Linear Technology

  LTC4007_1 Datasheet HTML 1Page - Linear Technology LTC4007_1 Datasheet HTML 2Page - Linear Technology LTC4007_1 Datasheet HTML 3Page - Linear Technology LTC4007_1 Datasheet HTML 4Page - Linear Technology LTC4007_1 Datasheet HTML 5Page - Linear Technology LTC4007_1 Datasheet HTML 6Page - Linear Technology LTC4007_1 Datasheet HTML 7Page - Linear Technology LTC4007_1 Datasheet HTML 8Page - Linear Technology LTC4007_1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
LTC4007
4007fa
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
GN PACKAGE
24-LEAD PLASTIC SSOP
24
23
22
21
20
19
18
17
16
15
14
13
DCIN
CHG
ACP
RT
FAULT
GND
3C4C
LOBAT
NTC
ITH
PROG
NC
SHDN
INFET
BGATE
PGND
TGATE
CLN
CLP
FLAG
CHEM
BAT
CSP
ICL
(Note 1)
Voltage from DCIN, CLP, CLN to GND ....... + 32V/– 0.3V
PGND with Respect to GND .................................
±0.3V
CSP, BAT to GND ....................................... +28V/– 0.3V
CHEM, 3C4C, RT to GND .............................. +7V/–0.3V
NTC ............................................................ +10V/– 0.3V
ACP, SHDN, CHG, FLAG,
FAULT, LOBAT, ICL .............................................. + 32V/–0.3V
CLP to CLN ...........................................................
±0.5V
Operating Ambient Temperature Range
(Note 4) ............................................. – 40
°C to 85°C
Operating Junction Temperature ......... – 40
°C to 125°C
Storage Temperature Range ................. – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
TJMAX = 125°C, θJA = 90°C/W
The
● denotes specifications which apply over the full operating
temperature range (Note 4), otherwise specifications are at TA = 25°C. VDCIN = 20V, VBAT = 12V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
ORDER PART NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTC4007EGN
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DCIN Operating Range
628
V
IQ
Operating Current
Sum of Current from CLP, CLN , DCIN
3
5
mA
VTOL
Charge Voltage Accuracy
Nominal Values: 12.3V, 12.6V, 16.4V, 16.8V
–0.8
0.8
%
(Note 2)
●
–1.0
1.0
%
ITOL
Charge Current Accuracy (Note 3)
VCSP – VBAT Target = 100mV
– 4
4
%
●
–5
5
%
VBAT < 6V, VCSP – VBAT Target = 10mV
–60
60
%
6V
≤ VBAT ≤ VLOBAT, VCSP – VBAT
–35
35
%
Target = 10mV
TTOL
Termination Timer Accuracy
RRT = 270k
●
–15
15
%
Shutdown
Battery Leakage Current
DCIN = 0V
●
15
35
µA
SHDN = 3V
●
–10
10
µA
UVLO
Undervoltage Lockout Threshold
DCIN Rising, VBAT = 0
●
4.2
4.7
5.5
V
Shutdown Threshold at SHDN
●
1
1.6
2.5
V
SHDN Pin Current
–10
µA
Operating Current in Shutdown
VSHDN = 0V, Sum of Current from CLP,
2
3
mA
CLN, DCIN
Current Sense Amplifier, CA1
Input Bias Current Into BAT Pin
11.67
µA
CMSL
CA1/I1 Input Common Mode Low
●
0V
CMSH
CA1/I1 Input Common Mode High
●
VCLN – 0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com