Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD880 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SD880
Description  Silicon NPN Power Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SD880 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SD880 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SD880 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SD880 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD880
DESCRIPTION
·
·With TO-220C package
·Complement to type 2SB834
·Low collector saturation voltage
APPLICATIONS
·Designed for use in audio frequency
power amplifier applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Absolute maximum ratings(Ta=25℃)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
60
V
VCEO
Collector-emitter voltage
Open base
60
V
VEBO
Emitter-base voltage
Open collector
7
V
IC
Collector current
3
A
ICM
Collector current-Peak
6
A
IB
B
Base current
0.5
A
PC
Collector dissipation
TC=25℃
30
W
Tj
Junction temperature
150
℃
Tstg
Storage temperature
-50~150
℃
THERMAL CHARACTERISTICS
SYMBOL
CHARACTERISTICS
MAX
UNIT
Rθjc
Thermal resistance junction to case
4.16
℃/W


Similar Part No. - 2SD880

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
POWER TRANSISTORS(3A,60V,30W)
logo
Wing Shing Computer Com...
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Unisonic Technologies
2SD880 UTC-2SD880 Datasheet
118Kb / 3P
NPN EPITAXIAL TRANSISTOR
logo
TRANSYS Electronics Lim...
2SD880 TEL-2SD880 Datasheet
59Kb / 1P
Plastic-Encapsulated Transistors
logo
Savantic, Inc.
2SD880 SAVANTIC-2SD880 Datasheet
103Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2SD880

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUS47 MOTOROLA-BUS47 Datasheet
79Kb / 2P
NPN SILICON POWER TRANSISTORS
logo
Bourns Electronic Solut...
BD241 BOURNS-BD241 Datasheet
107Kb / 5P
NPN SILICON POWER TRANSISTORS
BU426 BOURNS-BU426 Datasheet
129Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
Inchange Semiconductor ...
S2055A ISC-S2055A Datasheet
40Kb / 3P
Silicon NPN Power Transistors
2SC3182N ISC-2SC3182N Datasheet
168Kb / 4P
Silicon NPN Power Transistors
2SC4690 ISC-2SC4690 Datasheet
85Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC2497 SAVANTIC-2SC2497 Datasheet
107Kb / 3P
Silicon NPN Power Transistors
2SC2517 SAVANTIC-2SC2517 Datasheet
104Kb / 3P
Silicon NPN Power Transistors
2SC2562 SAVANTIC-2SC2562 Datasheet
143Kb / 5P
Silicon NPN Power Transistors
2SC2577 SAVANTIC-2SC2577 Datasheet
136Kb / 3P
Silicon NPN Power Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com