Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4541BH Datasheet(PDF) 2 Page - Texas Instruments

Part # CD4541BH
Description  CMOS PROGRAMMABLE TIMER HIGH VOLTAGE TYPES(20V RATING)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4541BH Datasheet(HTML) 2 Page - Texas Instruments

  CD4541BH Datasheet HTML 1Page - Texas Instruments CD4541BH Datasheet HTML 2Page - Texas Instruments CD4541BH Datasheet HTML 3Page - Texas Instruments CD4541BH Datasheet HTML 4Page - Texas Instruments CD4541BH Datasheet HTML 5Page - Texas Instruments CD4541BH Datasheet HTML 6Page - Texas Instruments CD4541BH Datasheet HTML 7Page - Texas Instruments CD4541BH Datasheet HTML 8Page - Texas Instruments CD4541BH Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Functional Diagram
Functional Block Diagram
12
13
1
2
3
5
6
10
9
A
B
RTC
CTC
RS
AR
MR
MODE
Q/Q
SELECT
8
Q
VDD = PIN 14
VSS = PIN 7
N
P
N
P
12
13
†A †B
8-STAGE
COUNTER
1 OF 3
MUX
OSC
3
2
1
†RS
†CTC
†RTC
R
R
PWR ON
RESET
6
5
MANUAL RESET
†
R
210
213
216
OR
28
8
Q
R
10
†MODE
VDD = 14
VSS = 7
NC = 4, 11
9
†Q/Q SELECT
VSS
VDD
8-STAGE
COUNTER
† All inputs are protected by CMOS Protection Network.
FIGURE 1.
FREQUENCY SELECTION TABLE
AB
NO. OF
STAGES N
COUNT 2N
0
0
13
8192
0
1
10
1024
108
256
1
1
16
65536
TRUTH TABLE
PIN
STATE
01
5
Auto Reset On
Auto Reset Disable
6
Master Reset Off
Master Reset On
9
Output Initially Low After
Reset (Q)
Output Initially High After
Reset (Q)
10
Single Transition Mode
Recycle Mode
FIGURE 2. RC OSCILLATOR CIRCUIT
RS
3
CTC
RTC
2
1
INTERNAL
RESET
TO CLOCK
CKT
CD4541B



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com