Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4009 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4009
Description  High Effi ciency, Multi-Chemistry Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4009 Datasheet HTML 9Page - Linear Technology LTC4009 Datasheet HTML 10Page - Linear Technology LTC4009 Datasheet HTML 11Page - Linear Technology LTC4009 Datasheet HTML 12Page - Linear Technology LTC4009 Datasheet HTML 13Page - Linear Technology LTC4009 Datasheet HTML 14Page - Linear Technology LTC4009 Datasheet HTML 15Page - Linear Technology LTC4009 Datasheet HTML 16Page - Linear Technology LTC4009 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
13
4009fb
LTC4009
LTC4009-1/LTC4009-2
be used for a variety of purposes in applications. Table 1
summarizes the state of the three indicator outputs as a
function of LTC4009 operation.
Table 1. LTC4009 Open-Drain Indicator Outputs
ACP
CHRG
ICL
CHARGER STATE
Off
Off
Off
No DC Input (Shutdown)
On
Off
Off
Shutdown, Reverse Current or
DCIN Overvoltage
On
On
Off
Bulk Charge
On
25μA
Off
Low Current Charge or Initial
CLP-BAT < 100mV
On
On
On
Input Current Limit During Bulk
Charge
On
25μA
On
Input Current Limit During Low
Current Charge
On
Off
On
Input Current Limit During DCIN
Overvoltage
PWM Controller
The LTC4009 uses a synchronous step-down architec-
ture to produce high operating efficiency. The nominal
operating frequency of 550kHz allows use of small filter
components. The following conceptual discussion of basic
PWM operation references Figure 1.
The voltage across the external charge current sense
resistor RSENSE is measured by current amplifier CA. This
instantaneous current (VSENSE/RIN) is fed to the PROG pin
where it is averaged by an external capacitor and converted
to a voltage by the programming resistor RPROG between
PROG and GND. The PROG voltage becomes the average
charge current input signal to error amplifier EA. EA also
OPERATION
receives loop control information from the battery voltage
feedback input VFB and the adapter input current limit
circuit. The ITH output of the error amplifier is a scaled
control voltage for one input of the PWM comparator CC.
ITH sets a peak inductor current threshold, sensed by R1,
to maintain the desired average current through RSENSE.
The current comparator output does this by switching the
state of the RS latch at the appropriate time.
At the beginning of each oscillator cycle, the PWM clock
sets the RS latch and turns on the external topside NFET
(bottom-side synchronous NFET off) to refresh the current
carried by the external inductor L1. The inductor current
and voltage across RSENSE begin to rise linearly. CA buffers
this instantaneous voltage rise and applies it to CC with
gain supplied by R1. When the voltage across R1 exceeds
the peak level set by the ITH output of EA, the top FET
turns off and the bottom FET turns on. The inductor cur-
rent then ramps down linearly until the next rising PWM
clock edge. This closes the loop and sources the correct
inductor current to maintain the desired parameter (charge
current, battery voltage, or input current). To produce a
near constant frequency, the PWM oscillator implements
the equation:
t
CLP BAT
CLP
kHz
OFF =
–
• 550
Repetitive, closed-loop waveforms for stable PWM opera-
tion appear in Figure 2.
Figure 2. PWM Waveforms
ON
OFF
OFF
INDUCTOR
CURRENT
TOP FET
BOTTOM FET
ON
tOFF
THRESHOLD
SET BY ITH
VOLTAGE
4009 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com