Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4009-2 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4009-2
Description  High Effi ciency, Multi-Chemistry Battery Charger
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4009-2 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4009-2 Datasheet HTML 17Page - Linear Technology LTC4009-2 Datasheet HTML 18Page - Linear Technology LTC4009-2 Datasheet HTML 19Page - Linear Technology LTC4009-2 Datasheet HTML 20Page - Linear Technology LTC4009-2 Datasheet HTML 21Page - Linear Technology LTC4009-2 Datasheet HTML 22Page - Linear Technology LTC4009-2 Datasheet HTML 23Page - Linear Technology LTC4009-2 Datasheet HTML 24Page - Linear Technology LTC4009-2 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
21
4009fb
LTC4009
LTC4009-1/LTC4009-2
The LTC4009 limits maximum instantaneous peak inductor
current during every PWM cycle. To avoid unstable switch
waveforms, the ripple current must satisfy:
ΔI
mV
R
I
L
SENSE
MAX
<
⎛
⎝⎜
⎞
⎠⎟
2
150
•–
so choose:
L
V
f
mV
R
I
CLP
PWM
SENSE
MAX
1
0 125
150
>
⎛
⎝⎜
⎞
⎠⎟
.•
•–
A reasonable starting point for setting ripple current
is
ΔIL = 0.4 • IMAX. The voltage compliance of internal
LTC4009 circuits also imposes limits on ripple current.
Select RIN (in Figure 1) to avoid average current errors in
high ripple designs. The following equation can be used
for guidance:
RI
μA
R
RI
μA
SENSE
L
IN
SENSE
L
••
ΔΔ
50
20
≤≤
RIN should not be less than 2.37k or more than 6.04k. Val-
ues of RIN greater than 3.01k may cause some reduction in
programmed current accuracy. Use these equations and
guidelines, as represented in Table 6, to help select the cor-
rect inductor value. This table was developed to maintain
maximum
ΔIL near 0.6 • IMAX with fPWM at 550kHz and
VBAT=0.5•VCLP(thepointofmaximumΔIL),assumingthat
inductor value could also vary by 25% at IMAX.
Table 6. Minimum Typical Inductor Values
VCLP
L1 (Typ)
IMAX
RSENSE
RIN
RPROG
<10V
≥10μH
1A
100m
Ω
3.01k
26.7k
10V to 20V
≥20μH
1A
100m
Ω
3.01k
26.7k
>20V
≥28μH
1A
100m
Ω
3.01k
26.7k
<10V
≥5.1μH
2A
50m
Ω
3.01k
26.7k
10V to 20V
≥10μH
2A
50m
Ω
3.01k
26.7k
>20V
≥14μH
2A
50m
Ω
3.01k
26.7k
To guarantee that a chosen inductor is optimized in any
given application, use the design equations provided and
perform bench evaluation in the target application, par-
ticularly at duty cycles below 20% or above 80% where
PWM frequency can be much less than the nominal value
of 550kHz.
TGATE BOOST Supply
Use the external components shown in Figure 11 to de-
velop a bootstrapped BOOST supply for the TGATE FET
driver. A good set of equations governing selection of the
two capacitors is:
C
Q
V
CC
G
1
20
45
220
1
==
•
.
,•
APPLICATIONS INFORMATION
Figure 11. TGATE Boost Supply
20
17
BOOST
INTVDD
18
SW
LTC4009
4009 F11
C2
2μF
C1
0.1μF
L1
TO
RSENSE
D1
1N4148



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com