Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT240 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT240
Description  FCT Interface Logic Octal Buffers/Line Drivers, Three-State
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT240 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT240 Datasheet HTML 1Page - Texas Instruments CD74FCT240 Datasheet HTML 2Page - Texas Instruments CD74FCT240 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS270A
Features
• CD54/74FCT240, CD54/74FCT240AT - Inverting
• CD54/74FCT241, CD54/74FCT244, CD54/74FCT244AT -
Non-Inverting
• Buffered Inputs
• Typical Propagation Delay:
4.1ns at VCC = 5V, TA = 25oC (FCT240AT, FCT244AT)
• SCR-Latchup-Resistant BiCMOS Process and Circuit
Design
• FCTXXX Types - Speed of Bipolar FAST®/AS/S;
FCTXXXAT Types - 30% Faster Than FAST/AS/S with
Significantly Reduced Power Consumption
• 48mA to 64mA Output Sink Current (Commer-
cial/Extended Industrial)
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output-Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Description
The CD54/74FCT240, 240AT, 241, 244 and 244AT three-
state octal buffers/line drivers use a small-geometry
BiCMOS technology. The output stage is a combination of
bipolar and CMOS transistors that limits the output-HIGH
level to two diode drops below VCC. This resultant lowering
of output swing (0V to 3.7V) reduces power bus ringing (a
source of EMI) and minimizes VCC bounce and ground
bounce and their effects during simultaneous output
switching. The output configuration also enhances switching
speed and is capable of sinking 48mA to 64mA.
The CD54/74FCT240, 240AT, 244 and 244AT have active-
LOW output enables (1OE, 2OE). The CD54/74FCT241 and
CD54/74FCT241AT have one active-LOW (1OE) and one
active-HIGH (2OE) output enable.
Functional Diagram
NOTE:
H = High Voltage Level, L = LOW Voltage Level
X = Immaterial, Z = HIGH Impedance
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54/74FCT240E
-55 to 125, 0 to 70
20 Ld PDIP
CD54/74FCT240ATE
-55 to 125, 0 to 70
20 Ld PDIP
CD54/74FCT241E
-55 to 125, 0 to 70
20 Ld PDIP
CD54/74FCT244E
-55 to 125, 0 to 70
20 Ld PDIP
CD54/74FCT244ATE
-55 to 125, 0 to 70
20 Ld PDIP
CD54/74FCT240M
-55 to 125, 0 to 70
20 Ld SOIC
CD54/74FCT240ATM
-55 to 125, 0 to 70
20 Ld SOIC
CD54/74FCT241M
-55 to 125, 0 to 70
20 Ld SOIC
CD54/74FCT244M
-55 to 125, 0 to 70
20 Ld SOIC
CD54/74FCT244ATM
-55 to 125, 0 to 70
20 Ld SOIC
CD54/74FCT240SM
-55 to 125, 0 to 70
20 Ld SSOP
CD54/74FCT241SM
-55 to 125, 0 to 70
20 Ld SSOP
CD54/74FCT244SM
-55 to 125, 0 to 70
20 Ld SSOP
CD54FCT240H
-55 to 125
CD54FCT241H
-55 to 125
CD54FCT244H
-55 to 125
CD54/74FCT240, CD54/74FCT240AT TRUTH TABLE
INPUT
INPUT
OUTPUT
1OE, 20E
A
Y
LL
H
LHL
HX
Z
CD54/74FCT244, CD54/74FCT244AT TRUTH TABLE
INPUT
INPUT
OUTPUT
1OE, 2OE
A
Y
LL
H
LHL
HX
Z
CD54/74FCT241 TRUTH TABLE
INPUT
OUTPUT
INPUT
OUTPUT
1OE
1A
1Y
2OE
2A
2Y
LLLL
X
Z
L
HHH
L
L
H
X
Z
HHH
18
16
14
12
9
7
5
3
2
4
6
8
11
13
15
17
119
1A0
1A1
1A2
1A3
2A0
2A1
2A2
2A3
1OE
2OE
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
1Y0
1Y1
1Y2
1Y3
2Y0
2Y1
2Y2
2Y3
241, 244
240
1OE
2OE
240, 244
241
VCC = 20
GND = 10
February 1996
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1996
File Number
2227.3
CD54/74FCT240, CD54/74FCT240AT,
CD54/74FCT241, CD54/74FCT244,
CD54/74FCT244AT
FCT Interface Logic
Octal Buffers/Line Drivers, Three-State
FAST® is a registered trademark of Fairchild Semiconductor Corporation.
CD74FCT240AT and CD74FCT244AT were not acquired from Harris Semiconductor.


Similar Part No. - CD74FCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT240 TI1-CD74FCT240 Datasheet
528Kb / 12P
BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
CD74FCT240E TI1-CD74FCT240E Datasheet
528Kb / 12P
BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
CD74FCT240M TI1-CD74FCT240M Datasheet
528Kb / 12P
BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
CD74FCT240M96 TI1-CD74FCT240M96 Datasheet
528Kb / 12P
BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
CD74FCT240SM TI1-CD74FCT240SM Datasheet
528Kb / 12P
BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - CD74FCT240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD5474FCT373 TI-CD5474FCT373 Datasheet
16Kb / 2P
FCT Interface Logic Octal Transparent Latch, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
logo
Aeroflex Circuit Techno...
UT54ACS240 AEROFLEX-UT54ACS240 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Inverted Three-State Outputs
UT54ACS244 AEROFLEX-UT54ACS244 Datasheet
232Kb / 10P
Octal Buffers & Line Drivers, Three-State Outputs
UT54ACS540 AEROFLEX-UT54ACS540 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Inverted Three-State Outputs
UT54ACS541 AEROFLEX-UT54ACS541 Datasheet
234Kb / 10P
Octal Buffers & Line Drivers, Three-State Outputs
UT54ACTS541E AEROFLEX-UT54ACTS541E Datasheet
139Kb / 9P
Octal Buffers and Line Drivers, Three-State Outputs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com