Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD245A Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BD245A
Description  isc Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BD245A Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BD245A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BD245A Datasheet HTML 2Page - Inchange Semiconductor Company Limited BD245A Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
BD245/A/B/C
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BD245
45
BD245A
60
BD245B
80
V(BR)CEO
Collector-Emitter
Breakdown Voltage
BD245C
IC= 30mA ;IB=0
B
100
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
B
1.0
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 10A; IB= 2.5A
4.0
V
VBE(on)-1
Base-Emitter On Voltage
IC= 3A ; VCE= 4V
1.6
V
VBE(on)-2
Base-Emitter On Voltage
IC= 10A ; VCE= 4V
3.0
V
BD245
VCE= 55V; VBE= 0
BD245A
VCE= 70V; VBE= 0
BD245B
VCE= 90V; VBE= 0
ICES
Collector
Cutoff Current
BD245C
VCE= 115V; VBE= 0
0.4
mA
BD245/A
VCE= 30V;IB= 0
ICEO
Collector
Cutoff Current
BD245B/C
VCE= 60V;IB= 0
0.7
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC=0
1.0
mA
hFE-1
DC Current Gain
IC= 1A ; VCE= 4V
40
hFE-2
DC Current Gain
IC= 3A ; VCE= 4V
20
hFE-3
DC Current Gain
IC= 10A ; VCE= 4V
4
fT
Current-Gain—Bandwidth Product
IC= 0.5A ;VCE= 10V,ftest= 1.0MHz
3.0
MHz
Switching times
ton
Turn-on Time
0.2
μs
toff
Turn-off Time
IC= 1A; IB1= -IB2= 0.1A;
RL=20Ω; VBE(OFF)= -3.7V
0.8
μs
isc Website:www.iscsemi.cn
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com