Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54FCT244AT Datasheet(PDF) 2 Page - Texas Instruments

Part # CD54FCT244AT
Description  FCT Interface Logic Octal Buffers/Line Drivers, Three-State
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD54FCT244AT Datasheet(HTML) 2 Page - Texas Instruments

  CD54FCT244AT Datasheet HTML 1Page - Texas Instruments CD54FCT244AT Datasheet HTML 2Page - Texas Instruments CD54FCT244AT Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Switching Specifications FCT Series tr, tf = 2.5ns, CL = 50pF, RL - See Figure 2
PARAMETER
SYMBOL
VCC
(V)
+25o
C
0oC to
+70oC
-55oC to
+125oC
+25o
C
0oC to
+70oC
-55oC to
+125oC
UNITS
TYP
MIN
MAX
MIN
MAX
TYP
MIN
MAX
MIN
MAX
Propagation Delays
Data to Outputs
FCT240/AT
tPLH,
tPHL
5†
5
1.5
8
1.5
9
4.4
1.5
5.6
1.5
6.7
ns
FCT241
tPLH,
tPHL
5
4
1.5
6.5
1.5
7
-----
ns
FCT244/AT
tPLH,
tPHL
5
4.5
1.5
6.5
1.5
7
3.8
1.5
5.3
1.5
6.2
µs
Output Enable
Times
FCT240/AT
tPZL,
tPZH
5
7
1.5
10
1.5
10.5
4.7
1.5
6.2
1.5
7.7
µs
FCT241
tPZL,
tPZH
5
5.5
1.5
8
1.5
8.5
-----
ns
FCT244/AT
tPZL,
tPZH
5
6
1.5
8
1.5
8.5
4.8
1.5
6.5
1.5
7.8
ns
Output Disable
Times
FCT240/AT
tPLZ,
tPHZ
5
6
1.5
9.5
1.5
10
4
1.5
5.6
1.5
6.5
µs
FCT241
tPLZ,
tPHZ
5
4.5
1.5
7
1.5
7.5
-----
ns
FCT244/AT
tPLZ,
tPHZ
5
5
1.5
7
1.5
7.5
4.5
1.5
5.8
1.5
6.8
µs
Power Dissipation
Capacitance
FCT240/AT
CPD§
-
38 Typical
38 Typical
pF
FCT241
CPD§
-
33 Typical
-
pF
FCT244/AT
CPD§
35 Typical
35 Typical
pF
Min. (Valley) VOHV During Switch-
ing of Other Outputs (Output Under
Test Not Switching)
VOHV
See
Figure 1
5
0.5 Typical at +25oCV
Max. (Peak) VOLP During Switch-
ing of Other Outputs (Output Under
Test Not Switching)
VOLP
See
Figure 1
5
1 Typical at +25oCV
Input Capacitance
CI
-
-
-
10
-
10
-
-
10
-
10
pF
3-State Output Capacitance
CO
-
-
-
15
-
15
-
-
15
-
15
pF
† 5V: min. is at 5.5V, max. is at 4.5V.
5V: min. is at 5.25V for 0oC to +70oC, max. is at 4.75V for 0oC to +70oC, typ. is at 5V
§CPD, measured per function, is used to determine the dynamic power consumption. PD (per package) = VCC ICC + ∑ (VCC
2 fiC
PD +VO
2
fo CL + VCC ∆ICC D) where:
VCC = supply voltage
∆ICC = flow through current x unit load
CL = output load capacitance
D = duty cycle of input high
fo = output frequency
fi = input frequency
CD54/74FCT540, CD54/74FCT540AT, CD54/74FCT241, CD54/74FCT244, CD54/74FCT244AT



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com