Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR-3 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # PR-3
Description  Multi-Voltage Conventional Relays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

PR-3 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  PR-3 Datasheet HTML 1Page - Systemsensor advanced ideas. PR-3 Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
Multi-Voltage
Conventional Relays
System Sensor’s multi-voltage conventional relays
are used for high-current switching applications such
as fan and damper assembly control, door control,
air handling unit controls, and other types of system
interfacing.
Features
Multi-voltage operation
Activation LEDs
Easy and flexible installation
Reliable and robust design
Multipurpose field installations
Multi-voltage relays with terminal strip field wiring connections,
mounting track, and hardware for R-10T/20T and R-14T/24T
Removable front cover on steel enclosure for R-10E/R-20E and R-
14/R-24E, which mount inside the enclosure
LED viewing hole on top of the steel enclosure’s cover
Extra pair of wires for redundant power input on PR-3
Terminal strip field wiring connections, mounting track, and
hardware
•
•
•
•
•
•
•
•
•
•
The R-10T, R-20T, R-14T, and the R-24T models are multi-
voltage relays with terminal strip field wiring connections, mounting
track, and hardware. The R-10T is a single FORM–C (SPDT) relay with
a red activation LED, and the R-14T is a four-gang 1 FORM–C (SPDT)
relay with four red activation LEDs. The R-20T is a single 2 FORM–C
(DPDT) relay with a red activation LED, and the R-24T is a four-gang 2
FORM–C (DPDT) relay with four red activation LEDs.
The R-10E/R-20E and R-14E/R-24E are similar to the T-series
track mount relays, but they are mounted into a steel enclosure. The
enclosure has a removable front cover that provides easy access and
an LED viewing hole on the top of the cover.
PR-1/PR-2/PR-3 are epoxy encapsulated multi-voltage relays. They
are single-pole double-throw relays that use a red LED as a visible
indication of relay coil energization. PR–3 is
identical to PR–2, except it has an extra pair of wires for redundant
power input.
Model EOLR-1 is an epoxy encapsulated, single-pole single-throw,
normally open relay that can be used as an end of line device in fire
alarm systems, e.g. to supervise power supplies.


Similar Part No. - PR-3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR-3 ETC-PR-3 Datasheet
185Kb / 1P
Incandescent Lamp
V1.0 11/07/12
logo
Pericom Semiconductor C...
PR-3.3V PERICOM-PR-3.3V Datasheet
281Kb / 4P
3.3V PECL High Frequency VCXO
logo
CITIZEN ELECTRONICS CO....
PR-30 CITIZEN-PR-30 Datasheet
456Kb / 1P
Photo-reflector
logo
FOTEK CONTROLS CO., LTD...
PR-30X FOTEK-PR-30X Datasheet
784Kb / 3P
MINI & WATER-PROOF PHOTO SENSOR
PR-30XP FOTEK-PR-30XP Datasheet
784Kb / 3P
MINI & WATER-PROOF PHOTO SENSOR
More results

Similar Description - PR-3

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD6347F TOSHIBA-TD6347F Datasheet
184Kb / 6P
CONVENTIONAL TIMER
TD6347S TOSHIBA-TD6347S Datasheet
181Kb / 6P
CONVENTIONAL TIMER
logo
Coto Technology
2332-05-000 COTO-2332-05-000 Datasheet
280Kb / 2P
Multi-Pole Reed Relays
logo
NIHON DEMPA KOGYO
YF10.0BP NDK-YF10.0BP Datasheet
83Kb / 1P
Conventional Crystal Filter
logo
List of Unclassifed Man...
521BXT ETC2-521BXT Datasheet
256Kb / 2P
Conventional Fire Alarms
logo
TE Connectivity Ltd
K43C234 TEC-K43C234 Datasheet
235Kb / 4P
Relays, Contactors & Switches > Relays > High Voltage Relays
08/23/2019
logo
Littelfuse
PLMU11 LITTELFUSE-PLMU11 Datasheet
343Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062116
PLR LITTELFUSE-PLR Datasheet
347Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
PLS LITTELFUSE-PLS Datasheet
349Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
TVM LITTELFUSE-TVM Datasheet
336Kb / 2P
Protection Relays - Voltage Monitoring Relays
2016 Rev: 1-A-062716
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com