Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWK Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # SPWK
Description  Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SPWK Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  SPWK Datasheet HTML 1Page - Systemsensor advanced ideas. SPWK Datasheet HTML 2Page - Systemsensor advanced ideas. SPWK Datasheet HTML 3Page - Systemsensor advanced ideas. SPWK Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A05-0425-002
UL Current Draw Data
UL Max. Strobe Current Draw (mA RMS)
Candela
8 to 17.5 Volts
16 to 33 Volts
DC
FWR
DC
FWR
Standard
Candela Range
15
123
128
66
71
15/75
142
148
77
81
30
NA
NA
94
96
75
NA
NA
158
153
95
NA
NA
181
176
110
NA
NA
202
195
115
NA
NA
210
205
High
Candela Range
135
NA
NA
228
207
150
NA
NA
246
220
177
NA
NA
281
251
185
NA
NA
286
258
Sound Output
UL Reverberant (dBA @ 10 ft.)
2W
1W
½ W
¼ W
Outdoor Speaker
90
87
84
81
Outdoor Speaker/Strobe
89
86
83
80
Dimensions
Candela Derating
For K series products used at low temperatures,
listed candela ratings must be reduced in
accordance with this table.
Strobe Output (cd)
Listed Candela
Candela rating at –40°F
15
Do not use below 32°F
15/75
30
75
44
95
70
110
110
115
115
135
135
150
150
177
177
185
185
7.19˝
7.14˝
.97˝
2.83˝
5.48˝
.97˝
2.83˝
6.45˝
7.19˝
7.14˝
1.60˝
2.83˝
2.83˝
5.48˝
2.83˝
2.83˝
1.60˝
6.45˝
Wall Mount Outdoor Speaker
Wall Mount Outdoor Speaker Strobe
Ceiling Mount Outdoor Speaker
Ceiling Mount Outdoor Speaker Strobe



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com