Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-ALERT Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SW-ALERT
Description  Field Selectable Amber Lens Strobe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SW-ALERT Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SW-ALERT Datasheet HTML 1Page - Systemsensor advanced ideas. SW-ALERT Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Agency Listings
Field Selectable Amber
Lens Strobe
The System Sensor SpectrAlert® Advance SW-ALERT
and SWH-ALERT amber lens strobes provide the
distinctive visual signal used for mass notification
during non-fire evacuations.
Features
Electrically compatible with existing SpectrAlert products
•
Automatic selection of 12- or 24-volt operation at 15 and 15/75
•
candela
Plug-in design
•
Amber lens strobe
•
White plastic housing with ALERT clearly visible in red letters
•
Field selectable candela settings of 15, 15/75, 30, 75, 95, 110, 115,
•
135, 150, 177, 185 (please refer to Table 2 for equivalent candela
ratings for UL1971 )
Rated for 32°F to 120°F (0°C to 49°C)
•
Housing can be mounted to either wall or ceiling
•
Shorting spring on mounting plate for continuity check before
•
installation
Tamper resistant construction with Torx head mounting screw
•
Design allows minimal intrusion into the back box
•
Compatible with System Sensor synchronization protocol
•
The System Sensor SpectrAlert Advance SW-ALERT and
SWH-ALERT strobes are designed with an amber colored lens
mounted in a white housing to allow visual signaling for mass
notification in compliance with ANSI/UL1638 – Standard for General
Signaling Visible Appliances.
The SW-ALERT and SWH-ALERT amber lens strobes provide simple
installation and instant compatibility with SpectrAlert Advance
synchronized systems. Their features include plug-in design and 11
field selectable candela settings.
These strobes are indoor products that attach to universal mounting
plates connected to a four-inch square, four-inch octagon, single-
gang, or double-gang junction boxes. The circuit is wired to the
SEMS terminals on the mounting plate. The device will rotate into
position, locking the product’s pins into the mounting plate’s
terminals. The device will temporarily hold in place with a catch until
it is secured with a captured mounting screw.
S4011, S5512, S3593


Similar Part No. - SW-ALERT

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SW-A11365 ADAM-TECH-SW-A11365 Datasheet
71Kb / 1P
TACT SWITCH
More results

Similar Description - SW-ALERT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL-LX3044AD ETC1-SSL-LX3044AD Datasheet
48Kb / 1P
T-3mm (T-1) 605mm AMBER LED, AMBER DIFFUSED LENS
logo
OPTEK Technologies
OVSAABLCR8 OPTEK-OVSAABLCR8 Datasheet
525Kb / 4P
Amber PLCC4 Surface Mount LED with Domed Lens
logo
A-BRIGHT Inc
AL-HA134A A-BRIGHT-AL-HA134A Datasheet
340Kb / 5P
Right Angle Lens Amber SMD Chip LED Lamps
2006/10/11
AL-HJF34A A-BRIGHT-AL-HJF34A Datasheet
340Kb / 5P
Right Angle Lens Super Amber SMD Chip LED Lamps
2006/10/11
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
Selectable Output Strobe and Horn Strobes
P2RHK-120 SYSTEMSENSOR-P2RHK-120 Datasheet
549Kb / 2P
P2RHK-120 Outdoor 120V Selectable Output Horn/Strobe
LENS-B SYSTEMSENSOR-LENS-B Datasheet
768Kb / 2P
Color Lens Strobe Attachment
logo
LUMEX INC.
SSL-LXA228AC-TR31 LUMEX-SSL-LXA228AC-TR31 Datasheet
66Kb / 1P
605nm AMBER, AXIAL LED, WATER CLEAR LENS, Z BEND, TAPE AND REEL
SSL-LX20333AD LUMEX-SSL-LX20333AD Datasheet
54Kb / 2P
T-1.8mm STOVEPIPE LED, 610nm AMBER LED, AMBER DIFFUSED LENS.
logo
TT Electronics.
OVSAABLCR8 TTELEC-OVSAABLCR8 Datasheet
369Kb / 4P
Amber PLCC4 Surface Mount LED with Domed Lens
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com