Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SWH-ALERT Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SWH-ALERT
Description  Field Selectable Amber Lens Strobe
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SWH-ALERT Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SWH-ALERT Datasheet HTML 1Page - Systemsensor advanced ideas. SWH-ALERT Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825OhioAvenue•St.Charles,IL60174
Phone:800-SENSOR2•Fax:630-377-6495
©2007 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0429-000•9/07•#1872
Ordering Information
Part No.
Description
SW-ALERT
Strobe, Standard cd, White, with Amber Lens
SWH-ALERT
Strobe, High cd, White, with Amber Lens
Accessories
BBSW-2
Back Box Skirt, Wall, White
SpectrAlert® Advance SW-ALERT and SWH-ALERT Amber Lens Strobe Specifications
Architectural/Engineering Specifications
General
The SW-ALERT and SWH-ALERT amber lens strobes shall mount to a standard 4 × 4 × 1½-inch back box, 4 inch octagon back box, single-gang or double-
gang back box. A universal mounting plate shall be used for mounting. The notification appliance circuit wiring shall terminate at the universal mounting
plate. SpectrAlert®Advanceproducts,whenusedwiththeSync•Circuit™ module accessory, shall be powered from a non-coded notification appliance circuit
outputandshalloperateonanominal12or24volts.WhenusedwiththeSync•CircuitModule,12-voltratednotificationappliancecircuitoutputsshalloperate
between 9 and 17.5 volts; 24-volt rated notification appliance circuit outputs shall operate between 17 and 33 volts. Indoor SpectrAlert Advance products shall
operate between 32°F and 120°F from a regulated DC, or full-wave rectified, unfiltered power supply. The SW-ALERT and SWH-ALERT amber lens strobe shall
have field selectable candela settings of 15, 15/75, 30, 75, 95, 110, 115, 135, 150, 177, 185 listed under ANSI/UL 1638 (for reference, equivalent candela for ANSI/
UL 1971 is 12, 15/75, 24, 60, 75, 85, 90, 110, 120, 140, 150).
Strobe
The System Sensor SpectrAlert Advance SW-ALERT and SWH-ALERT amber lens strobes shall be approved for fire protective service as listed in ANSI/UL 1638.
The strobes shall be wired as a primary-signaling notification appliance and comply with the Americans with Disabilities Act requirements for visible signaling
appliances, flashing at 1Hz over the strobe’s entire operating voltage range. The strobe light shall consist of a xenon flash tube and associated lens/reflector system.
Physical Specifications
Wall mount dimensions (including lens)
5.6 in L × 4.7 in W × 2.5 in D (142 mm L × 119 mm W × 64 mm D)
Wall mount back box skirt dimensions (BBSW-2)
5.9 in L × 5.0 in W × 2.2 in D (151 mm L × 128 mm W × 56 mm D)
Standard Operating Temperature
32°F to 120°F (0°C to 49°C)
Humidity Range
10% to 93% non-condensing
Electrical/Operating Specifications
Nominal Voltage
Regulated 12 VDC/FWR or regulated 24 VDC/FWR
Operating Voltage Range
8 to 17.5 V (12 V nominal) or 16 to 33 V (24 V nominal)
Input terminal wire gauge
12 to 18 AWG
Strobe Flash Rate
1 flash per second
Note: Full Wave Rectified (FWR) voltage is a non-regulated, time varying power source that is used on some power supply and panel outputs.
UL Max. Strobe Current Draw (mA RMS)
Candela
8 to 17.5 Volts
16 to 33 Volts
DC
FWR
DC
FWR
SW-ALERT
Standard
Candela
Range
15
123
128
66
71
15/75
142
148
77
81
30
NA
NA
94
96
75
NA
NA
158
153
95
NA
NA
181
176
110
NA
NA
202
195
115
NA
NA
210
205
SWH-ALERT
High
Candela
Range
135
NA
NA
228
207
150
NA
NA
246
220
177
NA
NA
281
251
185
NA
NA
286
258
UL Current Draw Data
Equivalent Candela Rating for UL1971
Strobe Output (cd)
Listed Candela
On-Axis Rating
(UL1638)
Equivalent cd Rating
for UL1971 Profile
15
15
12
15/75
15/75
15/75
30
30
24
75
75
60
95
95
75
110
110
85
115
115
90
135
135
110
150
150
120
177
177
140
185
185
150
Note: UL1971 is not applicable to mass notification devices, but these readings
were obtained using the measurement procedure specified under UL1971.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com