Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LENS-R Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # LENS-R
Description  Color Lens Strobe Attachment
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

LENS-R Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  LENS-R Datasheet HTML 1Page - Systemsensor advanced ideas. LENS-R Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3825OhioAvenue•St.Charles,IL60174
Phone:800-SENSOR2•Fax:630-377-6495
©2008 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0439-001•11/08•#2065
Ordering Information
Part No.
Description
LENS-B
Wall mount lens attachment, blue
LENS-R
Wall mount lens attachment, red
LENS-G
Wall mount lens attachment, green
LENS-A
Wall mount lens attachment, amber
LENS-BC
Ceilingmountlensattachment,blue
LENS-RC
Ceilingmountlensattachment,red
LENS-GC
Ceilingmountlensattachment,green
LENS-AC
Ceilingmountlensattachment,amber
ColorlensattachmentsmaybeusedwiththefollowingSystemSensor
non-fire (Plain) indoor or outdoor strobe models: SR-P, SRH-P, SW-P, SWH-P,
P2R-P, P2RH-P, P2W-P, P2WH-P, P4R-P, P4RH-P, P4W-P, P4WH-P, P2RK-P, P2RHK-P,
SCR-P,SCRH-P,SCW-P,SCWH-P,PC2R-P,PC2RH-P,PC2W-P,PC2WH-P,SPWW-P,
SPSR-P,SPSWH-P,SPSRH-P,SPSWV-P,SPSRV-P,SPSCW-P,SPSCWH-P,SPSCWV-P,
SPSCWVH-P.
SpectrAlert® Advance Color Lens Strobe Attachment Specifications
Architectural/Engineering Specifications
The System Sensor SpectrAlert Advance color lens attachments shall be approved for fire protective service as listed in UL 1638. The lens attachments shall only be
used with non-fire printed System Sensor strobe devices. The lens shall mount to any wall or ceiling mount strobes and be rated from −35°F to 151°F.
Lens Installation
Installation to Wall Mount Strobe
Installation to Ceiling Mount Strobe
Candela Rating for UL1638
LightoutputofcolorlensesismeasuredperUL1638,onaxis,andisnot
derated.
Strobe Output (cd)
Candela
Switch Setting
On-Axis Candela Rating
(UL1638) – All Colors
15
15
15/75*
NA
30
30
75
75
95
95
110
110
115
115
135
135
150
150
177
177
185
185
*15/75Candelasettingnottobeusedwithcolorlenses



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com