Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPR Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # SPR
Description  Indoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SPR Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  SPR Datasheet HTML 1Page - Systemsensor advanced ideas. SPR Datasheet HTML 2Page - Systemsensor advanced ideas. SPR Datasheet HTML 3Page - Systemsensor advanced ideas. SPR Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Agency Listings
Indoor Selectable
Output Speaker Strobes
and Dual Voltage
Evacuation Speakers
The new SpectrAlert® Advance selectable output
speaker strobes and dual evacuation speakers can
reduce ground faults and allow faster installation.
Features
Plug-in design
•
Protective cover isolates speaker components, reduces ground
•
faults
Electrical compatibility with existing SpectrAlert products
•
Field selectable candela settings on wall and ceiling units:
•
Standard: 15, 15/75, 30, 75, 95, 110, 115
High: 135, 150, 177, 185
Shorting spring on mounting plate tests continuity before
•
installation
Rotary switch simplifies field selection of speaker voltage (25 and
•
70.7 Vrms) and power settings (¼, ½, 1 and 2 watts)
Universal mounting plate for wall- and ceiling-mount units
•
Compatible with System Sensor synchronization protocol
•
SP speakers offer high fidelity sound output
•
SPV speakers offer high volume sound output
•
Automatic selection of 12- or 24-volt operation at 15 and 15/75
•
candela
No extension ring required
•
Ceiling and wall mount application
•
Optional tamper resistant Torx head screw included
•
The SpectrAlert Advance Series of speakers and speaker strobes
is designed to reduce ground faults. The plug-in design allows the
installer to pre-wire mounting plates and dress the wires before
plugging in the speakers. The plastic cover prevents nicked wires by
covering exposed speaker components.
This design also allows faster installations with instant feedback to
ensure that wiring is properly connected, rotary switches to select
voltage and power settings, and 11 field selectable candela settings
for wall and ceiling speaker strobes.
The low total harmonic distortion of the SP speaker offers high
fidelity sound output while the SPV speaker offers high volume
sound output for use in high ambient noise applications.
SpectrAlert Advance makes installation easy
•Attachauniversalmountingplatetoa4×4×21⁄8inchbackbox.
Flush mount applications are achievable without the need for an
extension ring.
•Connectthenotificationappliancecircuitorspeakerwiringtothe
terminals on the mounting plate.
•Attachthespeakerorspeakerstrobetothemountingplateby
inserting the product tabs into the mounting plate grooves. Rotate
the device into position to lock the product pins into the mounting
plate terminals. The device will temporarily hold in place with a
catch until it is secured with a captured mounting screw.
10-08-E
7320-1653:201
S4048


Similar Part No. - SPR

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
SPR SEI-SPR Datasheet
556Kb / 6P
Discharge Path Resistor
10/22/2020
logo
IDEM Safety Switches
SPR IDEM-SAFETY-SPR Datasheet
1Mb / 2P
Non Contact Magnetic Safety Switches
Jun 21
logo
Texas Instruments
SPR-1-08 TI-SPR-1-08 Datasheet
139Kb / 3P
SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-1-08BPL TI-SPR-1-08BPL Datasheet
139Kb / 3P
SILICON MULTI-CHANNEL DETECTOR ARRAY
SPR-1-10BPL TI-SPR-1-10BPL Datasheet
139Kb / 3P
SILICON MULTI-CHANNEL DETECTOR ARRAY
More results

Similar Description - SPR

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
Selectable Output Strobe and Horn Strobes
SP2 SYSTEMSENSOR-SP2 Datasheet
291Kb / 2P
Selectable Output Wall Speaker/Strobes
SP2R1224MCK SYSTEMSENSOR-SP2R1224MCK Datasheet
286Kb / 2P
Selectable Output Outdoor Wall Speaker/Strobes
SP201K SYSTEMSENSOR-SP201K Datasheet
268Kb / 2P
SP201K Outdoor Dual Voltage Evacuation Speakers
CHR SYSTEMSENSOR-CHR Datasheet
411Kb / 4P
Selectable Output Chimes and Chime/Strobes
SPWK SYSTEMSENSOR-SPWK Datasheet
2Mb / 4P
Outdoor Selectable Output Speaker Strobes and Dual Voltage Evacuation Speakers
SP200W SYSTEMSENSOR-SP200W Datasheet
396Kb / 2P
Dual-Voltage Evacuation Speakers
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
SELECTABLE OUTPUT STROBES AND HORNS
E70-24MCW-FR GAMEWELL-FCI-E70-24MCW-FR Datasheet
119Kb / 4P
Cooper-Wheelock E Series Low-Profile Speakers & Speaker Strobes
logo
Systemsensor advanced i...
PC2RK SYSTEMSENSOR-PC2RK Datasheet
569Kb / 4P
Outdoor Selectable- Output Strobes and Horn Strobes for Ceiling Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com