Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP201R Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # SP201R
Description  Dual-Voltage Evacuation Speakers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SP201R Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  SP201R Datasheet HTML 1Page - Systemsensor advanced ideas. SP201R Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2005 System Sensor. The company reserves the right to change product specifications without notice.
A05-0999-006•11/05•#1440
Simple Voltage and Power Selection
UL Reverberant (dBA @ 10 ft.)
2W
1W
1⁄2W
1⁄4W
SP2
84
81
78
75
SP3
89
86
84
80
Sound Output
Input Terminals
12 to 18 AWG
Speaker Size
4 inches (101 mm)
Grille Size
Round 67⁄8 inches (107 mm)
Square 5 inches (127 mm)
Mechanical Specifications
Example: Selecting a 1⁄4 watt input
when a 25.0 volt (nominal) amplifier is
being used.
25.0 V
70.7 V
2 W
1 W
1
⁄2 W
1
⁄4 W
Voltage Input
25.0 volts or 70.7 volts nominal
Frequency Range
400 to 4000 Hz
The SP200 and SP300 Series are UL Listed from
400 to 4000 Hz. The SP200 Series will provide a flat
(±10 dB) output from 100 to 15,000 Hz. The SP300
Series will provide a flat (±10 dB) output from 500
to 13,000 Hz.
Operating Temperature Range
32°F to 120°F (0°C TO 49°C)
Power
1⁄4, 1⁄2, 1 and 2 watts
Electrical Specifications
White
Red
Description
Speaker Voltage
SP200W
—
Round, Standard SPL, 1⁄4–2 watt power tap
25.0/70.7 Vrms
SP201W
SP201R
Square, Standard SPL, 1⁄4–2 watt power tap
25.0/70.7 Vrms
SP300W
—
Round, High SPL, 1⁄4–2 watt power tap
25.0/.70.7 Vrms
SP301W
SP301R
Square, High SPL, 1⁄4–2 watt power tap
25.0/70.7 Vrms
Accessories
BBSCW
—
Surface mount backbox skirt for SP200W, SP300W
NA
BBS-SP201W
BBS-SP201R
Surface mount backbox skirt for SP201, SP301
NA
Ordering Information
4″x4″x21⁄8″
Backbox
Speaker
SP201/SP301
Series
Speaker
SP200/SP300
Series
4″x4″x21⁄8″
Backbox
System Sensor Sales and Service
System Sensor Headquarters
3825 Ohio Avenue
St. Charles, IL 60174
Ph: 800/SENSOR2
Fx: 630/377-6495
www.systemsensor.com
System Sensor Canada
Ph: 905.812.0767
Fx: 905.812.0771
System Sensor Europe
Ph: 44.1403.276500
Fx: 44.1403.276501
System Sensor in China
Ph: 86.29.8832.0119
Fx: 86.29.8832.5119
System Sensor in Singapore
Ph: 65.6273.2230
Fx: 65.6273.2610
System Sensor – Far East
Ph: 85.22.191.9003
Fx: 85.22.736.6580
System Sensor – Australia
Ph: 613.54.281.142
Fx: 613.54.281.172
System Sensor – India
Ph: 91.124.237.1770 x.2700
Fx: 91.124.237.3118
System Sensor – Russia
Ph: 70.95.937.7982
Fx: 70.95.937.7983



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com