Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFD30-2EXP Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part # WFD30-2EXP
Description  Explosion Proof Waterflow Detector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

WFD30-2EXP Datasheet(HTML) 2 Page - Systemsensor advanced ideas.

  WFD30-2EXP Datasheet HTML 1Page - Systemsensor advanced ideas. WFD30-2EXP Datasheet HTML 2Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
ModelNumber
PipeSize
HoleSize
WFD20EXP
2″
11⁄4″
WFD25EXP
21⁄2″
11⁄4″
WFD30-2EXP
3″
2″
WFD35EXP
31⁄2″
11⁄4″
WFD40EXP
4″
2″
WFD50EXP
5″
2″
WFD60EXP
6″
2″
WFD80EXP
8″
2″
PartNumber
Description
A3008-0
ReplacementRetardMechanismforallsizes2″–8″
A77-01-02
ReplacementTerminalBlock
WFDRK
ReplacementHardwareKit(containstamperscrews,wrench,andconduitplug)
System Sensor Headquarters
3825OhioAvenue
St.Charles,IL60174
Ph:800-SENSOR2
Fx:630/377-6495
www.systemsensor.com
System Sensor Canada
Ph:905.812.0767
Fx:905.812.0771
System Sensor Europe
Ph:44.1403.276500
Fx:44.1403.276501
System Sensor in China
Ph:86.29.8832.0119
Fx:86.29.8832.5110
System Sensor in Singapore
Ph:65.273.2230
Fx:65.273.2610
System Sensor – Far East
Ph:85.22.191.9003
Fx:85.22.736.6580
System Sensor – Australia
Ph:613.54.281.142
Fx:613.54.281.172
System Sensor – India
Ph:91.124.637.1770x.2700
Fx:91.124.637.3118
System Sensor – Russia
Ph:70.95.937.7982
Fx:70.95.937.7983
System Sensor Sales and Service
©2003SystemSensor.Thecompanyreservestherighttochangeproductspecificationswithoutnotice.
A05-1030-004•10/03•#1125
Standard Specifications
HazardousLocationsClassifications
ClassI,Div1and2,GroupsB,C,D
ClassII,Div1and2,GroupsE,F,G
ClassIII,Div1and2
StaticPressureRating
450psi(max)
TriggeredThresholdBandwidth(FlowRate)
4to10GPM
MaximumSurge
18FeetperSecond(FPS)
ContactRatings
TwosetsofSPDT(FormC)
10.0A@125/250VAC
2.5A@24VDC
CompatiblePipe
Steelwaterpipe,schedule10through40
Weight
WFD20EXP
10.6lbs.
WFD25EXP
10.7lbs.
WFD30-2EXP
10.9lbs.
WFD40EXP
11.5lbs.
WFD50EXP
12.1lbs.
WFD60EXP
12.5lbs.
WFD80EXP
13.5lbs.
ConduitEntrances
Twoopeningsfor1⁄2″conduit
OperatingTemperatureRange
32°Fto120°F(0°Cto49°C)
EnclosureRating
NEMA4–suitableforindoor/outdooruse
OverallDimensions
6″H×9″L×6.5″W
ServiceUse
AutomaticSprinkler:
NFPA-13
NationalFireAlarmCode:
NFPA-72
Warranty
3years
U.S.PatentNos.
5,213,205;4,782,333;3,845,259
Vane-type explosion proof waterflow detectors shall be installed on system piping on the drawing and/or as specified
herein. Detectors shall be mounted in hazardous locations classified as: Class I, Div. 1 and 2, Groups B, C, D; or Class
II, Div. 1 and 2, Groups E, F, G; or Class III, Div. 1 and 2. Detectors shall mount on any clear pipe span of the appropri-
ate nominal size, either a vertical upflow or horizontal run, at least 6″ from any fittings which may change water direc-
tion, flow rate, or pipe diameter or no closer than 24″ from a valve or drain. Detectors shall have a sensitivity in the
range of 4 to 10 gallons per minute and a static pressure rating of 450 psi for 2″–8″ pipes. The detector shall respond
to waterflow in the specified direction after a preset time delay which is field adjustable. The delay mechanism shall be a
sealed mechanical pneumatic unit with visual indication of actuation. The actuation mechanism shall include a polyeth-
ylene vane inserted through a hole in the pipe and connected by a mechanical linkage to the delay mechanism. Outputs
shall consist of dual SPDT switches (Form C contacts). Two conduit entrances (one of which is a knockout type) for
standard fittings of commonly used electrical conduit shall be provided on the detectors. A grounding provision is pro-
vided. Enclosures shall be NEMA 4 listed by Underwriters Laboratories Inc. All detectors shall be listed by Underwriters
Laboratories Inc. for indoor or outdoor use.
Engineering Specifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com