Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC24115 Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # SC24115
Description  Strobes and Horn Strobes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SC24115 Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  SC24115 Datasheet HTML 1Page - Systemsensor advanced ideas. SC24115 Datasheet HTML 2Page - Systemsensor advanced ideas. SC24115 Datasheet HTML 3Page - Systemsensor advanced ideas. SC24115 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Electrical Specifications
OperatingVoltage
24VDCandFWR1unfiltered
InputTerminals
12to18AWG
OperatingVoltageRange
16–33V
OperatingVoltageRangew/Sync•Circuit
Module2
17-33V
U.S.PatentNumbers
6,049,446
6,057,778
D424,465
Table 1-A: SpectrAlert Strobe UL Max. Current Draw (mA RMS)
Strobe
Setting
16-33V FWR Operating
Current – Strobe
(mA RMS)
16-33V DC Operating
Current – Strobe
(mA RMS)
15
68
64
15/75
77
78
30
107
113
75
197
205
95
239
274
115
298
325
177
399
489
Table 1-B: Horn UL Max. Current Draw Measurements (mA RMS)
16-33V (DC)
16-33V (FWR)
Temporal
Low
Volume
Electromechanical
23
23
3000HzInterrupted
33
23
High
Volume
Electromechanical
53
44
3000HzInterrupted
57
40
Non-
Temporal
Low
Volume
Electromechanical
37
29
3000HzInterrupted
32
33
High
Volume
Electromechanical
49
49
3000HzInterrupted
56
58
Notes:
1.FullWaveRectified(FWR)voltageisanon-regulated,time-varyingpowersourcethatisusedonsomepowersupplyandpaneloutputs.
2.TheMDLcausesaone-voltvoltagedropinthenotificationappliancecircuit.
Table 1-C: 24V DC Horn/Strobe UL Max. Current Draw Measurements (mA RMS)
Temporal
Non-Temporal
Low Volume
High Volume
Low Volume
High Volume
Candela Setting
Electromechanical
3000 Hz
Electromechanical
3000 Hz
Electromechanical
3000 Hz
Electromechanical
3000 Hz
15
73
73
76
78
75
75
81
86
15/75
89
89
91
92
89
90
96
98
30
126
125
128
128
125
125
131
134
75
225
222
222
222
219
219
221
222
95
272
270
271
271
266
265
269
270
115
297
297
296
296
291
290
292
293
177
512
504
501
496
491
493
491
496
Explanation of Published Voltage, Current, and SPL Specifications
During May 2004, UL also changed the way they list the
voltage range of a device. All 12V products will be listed
between 8 – 17.5V and all 24V products will be listed
between 16 – 33V. Those devices are considered “regulat-
ed”. Any product that does not operate within these ranges
will be listed as a “special application” with its operating
voltage specified on the device.
Notes
1.Currentdrawforstrobe-onlyproductsisshowninTable1-A.
2.24VDC2-wirehorn/strobecurrentdrawisshowninTable
1-C.
3.Currentdrawforotherhorn/strobepowersuppliescanbe
calculatedbyaddingthestrobecurrentinTable1-Atothe
horncurrentinTable1-Bfromthechosensettings.
In May 2004 Underwriters Laboratories changed standard
UL 1971 to require that operating current measuremments
are made using RMS (root mean square) instead of peak
or average values. RMS measurements more accurately
predict the power consumption of a device since they take
into account the entire current draw profile including surge,
repetitive surge, and peak values. The published RMS cur-
rent is the maximum operating current of that device within
its operating voltage range. This current maximum may or
may not occur at the endpoints of the voltage range.
Similarly, UL tests the audibility of devices in accordance
with UL 464 by measuring them across the operating volt-
age range to determine the minimum sound pressure level
produced at any particular setting.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com