Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT533 Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT533
Description  FCT Interface Logic Octal Transparent Latch, Three-State
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT533 Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT533 Datasheet HTML 1Page - Texas Instruments CD74FCT533 Datasheet HTML 2Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS272
Features
• CD54/74FCT373, CD54/74FCT373AT - Non-Inverting
• CD54/74FCT533 - Inverting
• Buffered inputs
• Typical Propagation Delay: 3.9ns at VCC = 5V,
TA = +25oC, CL = 50pF (FCT373AT)
• SCR-Latchup-Resistant BiCMOS Process and Circuit
Design
• FCTXXX Types - Speed of Bipolar FAST®/AS/S;
FCTXXXAT Types - 30% Faster than FAST/AS/S with
Significantly Reduced Power Consumption
• 48mA to 32mA Output Sink Current (Commercial/
Extended Industrial)
• Output Voltage Swing Limited to 3.7V at VCC = 5V
• Controlled Output-Edge Rates
• Input/Output Isolation to VCC
• BiCMOS Technology with Low Quiescent Power
Description
The CD54/74FCT373, 373AT, and 533 octal transparent
latches use a small-geometry BiCMOS technology. The output
stage is a combination of bipolar and CMOS transistors that
limits the output-HIGH level to two diode drops below VCC. This
resultant lowering of output swing (0V to 3.7V) reduces power
bus ringing (a source of EMI) and minimizes VCC bounce and
ground bounce and their effects during simultaneous output
switching. The output configuration also enhances switching
speed and is capable of sinking 32mA to 48mA.
The CD54/74FCT373, 373AT, and 533 outputs are transpar-
ent to the inputs when the Latch Enable (LE) is HIGH. When
the Latch Enable (LE) goes LOW, the data is latched. The
Output Enable (OE) controls the three-state outputs. When
the Output Enable (OE) is HIGH, the outputs are in the high-
impedance state. The latch operation is independent of the
state of the Output Enable.
Functional Diagram
Ordering Information
PART NUMBER
TEMP. RANGE (oC)
PACKAGE
CD54/74FCT373E
-55 to 125, 0 to 70
20 Ld PDIP
CD54/74FCT373ATE
-55 to 125, 0 to 70
20 Ld PDIP
CD54/74FCT533E
-55 to 125, 0 to 70
20 Ld PDIP
CD54/74FCT373M
-55 to 125, 0 to 70
20 Ld SOIC
CD54/74FCT373ATM
-55 to 125, 0 to 70
20 Ld SOIC
CD54/74FCT533M
-55 to 125, 0 to 70
20 Ld SOIC
CD54/74FCT373SM
-55 to 125, 0 to 70
20 Ld SSOP
CD54/74FCT533SM
-55 to 125, 0 to 70
20 Ld SSOP
CD54FCT373H
-55 to 125
CD54FCT533H
-55 to 125
2
5
6
9
12
15
16
19
3
4
7
8
13
14
17
18
11
1
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
373
533
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
TRUTH TABLE
OUTPUT
ENABLE
LATCH
ENABLE
DATA
373, 373AT
OUTPUT
533
OUTPUT
L
HHH
L
LHL
L
H
L
LIL
H
LLh
H
L
HX
X
Z
Z
H = HIGH voltage level.
L = LOW voltage level.
X = Irrelevant.
Z = HIGH Impedance.
I = LOW voltage level one setup time
prior to the high-to-low latch enable
transition.
h = HIGH voltage level one setup time
prior to the high-to-low latch enable
transition.
February 1996
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1996
File Number
2230.2
CD54/74FCT373,
CD54/74FCT373AT,
CD54/74FCT533
FCT Interface Logic
Octal Transparent Latch, Three-State
FAST® is a registered trademark of Fairchild Semiconductor Corporation.


Similar Part No. - CD74FCT533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT540E TI-CD74FCT540E Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT540M TI-CD74FCT540M Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT540M96 TI-CD74FCT540M96 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT541 TI-CD74FCT541 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
More results

Similar Description - CD74FCT533

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54-74FCT240 TI-CD54-74FCT240 Datasheet
20Kb / 3P
FCT Interface Logic Octal Buffers/Line Drivers, Three-State
CD54FCT245 TI-CD54FCT245 Datasheet
39Kb / 7P
BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
CD74FCT540 TI-CD74FCT540 Datasheet
36Kb / 7P
BiCMOS FCT Interface Logic, Octal Buffers/Line Drivers, Three-State
CD74FCT543 TI-CD74FCT543 Datasheet
51Kb / 6P
BiCMOS FCT Interface Logic, Octal Register/Transceiver, Three-State
CD74FCT573 TI-CD74FCT573 Datasheet
38Kb / 7P
BiCMOS FCT Interface Logic, Octal Transparent Latches, Three-State
CD74FCT646 TI-CD74FCT646 Datasheet
54Kb / 8P
BiCMOS FCT Interface Logic, Octal Bus Transceiver/Register, Three-State
CD74FCT841A TI-CD74FCT841A Datasheet
18Kb / 2P
BiCMOS FCT Interface Logic, 10-Bit Transparent Latches, Three-State
CD74FCT843A TI-CD74FCT843A Datasheet
33Kb / 6P
BiCMOS FCT Interface Logic, 9-Bit Transparent Latches, Three-State
CD74HC373 TI-CD74HC373 Datasheet
53Kb / 9P
High Speed CMOS Logic Octal Transparent Latch, Three-State Output
CD74FCT651 TI1-CD74FCT651 Datasheet
181Kb / 11P
BiCMOS FCT Interface Logic, Octal Bus Transceivers/Registers, Three-State
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com