Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B112LP Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # B112LP
Description  Plug-in Detector Base
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B112LP Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  B112LP Datasheet HTML 1Page - Systemsensor advanced ideas. B112LP Datasheet HTML 2Page - Systemsensor advanced ideas. B112LP Datasheet HTML 3Page - Systemsensor advanced ideas. B112LP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D150-03-00
1
I56-597-03R
B112LP Plug-in Detector Base
For use with the following smoke detectors:
IN US:
1151, 2151
IN CANADA:
1151A, 2151A
IN EUROPE:
1151E, 2151E
INSTALLATION AND MAINTENANCE INSTRUCTIONS
3825 Ohio Avenue
St. Charles, Illinois 60174
1-800-SENSOR2, FAX: 630-377-6495
Before Installing
Please thoroughly read the System Sensor manual I56-407,
Guide for Proper Use of System Smoke Detectors, which pro-
vides detailed information on detector spacing, placement,
zoning, wiring, and special applications. Copies of this
manual are available at no charge from System Sensor. (For
installation in Canada, refer to CAN/ULC-S524, Standard
for the Installation of Fire Alarm Systems and CEC Part 1,
Sec. 32.)
NOTICE: This manual should be left with the owner/user
of this equipment.
IMPORTANT: The detector used with this base must be
tested and maintained regularly following NFPA 72 require-
ments. The detector used with this base should be cleaned
at least once a year.
Specifications
Base Diameter:
6.2 inches (157 mm)
Base Height:
0.95 inches (24 mm)
Weight:
0.3 lb. (137 g)
Mounting:
4-inch square box with or without plaster ring. Min. depth–1.5 inches
3-1/2-inch octagon box. Min. depth–1.5 inches
Operating Temperature Range:
0° to 49°C (32° to 120°F)
Operating Humidity Range:
10% to 93% Relative Humidity, Noncondensing
Electrical Ratings - includes base and detector
System Voltage:
24 VDC
Maximum Ripple Voltage:
4 Volts peak-to-peak
Start-Up Capacitance:
0.02µF Maximum
Standby Ratings:
20 VDC Minimum
29 VDC Maximum
120 µA Maximum
Alarm Ratings:
17 mA Minimum
36 mA Maximum
Reset Voltage:
1.4 VDC Minimum
Reset Time:
0.3 Seconds Maximum
(The optional RA400Z operates within specified detector alarm currents.)
Start-up Time:
34.0 Seconds Maximum
Relay Contact Ratings:
Resistive or Inductive (60% Power Factor)
Form A:
2.0 A @ 30 VAC/DC
Form C:
2.0 A @ 30 VAC/DC
0.6 A @ 110 VDC
1.0 A @ 125 VAC
General Description
The Model B112LP detector base is designed for use with
System Sensor model 2151 photoelectronic and 1151 ioniza-
tion detector heads. This four-wire base is equipped with
screw terminals for the connection of power, ground, and
an optional remote annunciator.
Mounting
The detector base mounts directly to 3-1/2 inch and 4-inch
octagon boxes and 4-inch square boxes, with or without
plaster rings. To mount the base, remove the decorative
ring by rotating it in either direction to unhook the snaps
before separating the ring from the base. Use the screws
supplied with the junction box to attach the base to the box
through the appropriate slots in the base (see Figure 1).
Position the decorative ring around the base and rotate it in
either direction until the ring snaps into place.


Similar Part No. - B112LP

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
B112LP GAMEWELL-FCI-B112LP Datasheet
53Kb / 2P
Ionization Detector
More results

Similar Description - B112LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
1451A SYSTEMSENSOR-1451A Datasheet
207Kb / 4P
Plug-in Smoke Detector
4451HT SYSTEMSENSOR-4451HT Datasheet
223Kb / 2P
Plug-in 190째F Thermal Detector
B406B SYSTEMSENSOR-B406B Datasheet
62Kb / 4P
Plug-in Detector Base
B110LP SYSTEMSENSOR-B110LP Datasheet
63Kb / 4P
Plug-in Detector Base
B110RLP SYSTEMSENSOR-B110RLP Datasheet
67Kb / 4P
Plug-in Detector Base
B114LP SYSTEMSENSOR-B114LP Datasheet
381Kb / 2P
Plug-in Detector Base
B116LP SYSTEMSENSOR-B116LP Datasheet
62Kb / 4P
Plug-in Detector Base
logo
PHOENIX CONTACT
2970015 PHOENIX-2970015 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
2970028 PHOENIX-2970028 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
2971535 PHOENIX-2971535 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com