Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B116LP Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part # B116LP
Description  Plug-in Detector Base
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

B116LP Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

  B116LP Datasheet HTML 1Page - Systemsensor advanced ideas. B116LP Datasheet HTML 2Page - Systemsensor advanced ideas. B116LP Datasheet HTML 3Page - Systemsensor advanced ideas. B116LP Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D150-01-00
1
I56-599-03R
B116LP Plug-in Detector Base
For use with the following smoke detectors:
In US:
1151, 2151
In Canada:
1151A, 2151A
In Europe:
1151E, 2151E
INSTALLATION AND MAINTENANCE INSTRUCTIONS
3825 Ohio Avenue,
St. Charles, Illinois 60174
1-800-SENSOR2, FAX: 630-377-6495
Before Installing
Please thoroughly read the System Sensor manual I56-407,
Guide for Proper Use of System Smoke Detectors, which pro-
vides detailed information on detector spacing, placement,
zoning, wiring, and special applications. Copies of this
manual are available at no charge from System Sensor. (For
installation in Canada, please refer to CAN4-S524, Standard
for the Installation of Fire Alarm Systems and CEC Part 1,
Sec. 32.)
NOTICE: This manual should be left with the owner/user
of this equipment.
IMPORTANT: The detector used with this base must be
Specifications
Base Diameter:
6.2 inches (157 mm)
Base Height:
0.95 inches (24 mm)
Weight:
0.3 lb. (130 g)
Mounting:
4-inch square box with or without plaster ring. Min. Depth–1.5 inches
4-inch octagon box. Min. Depth–1.5 inches
3-1/2 inch-octagon box. Min. Depth–1.5 inches
50 mm box
60 mm box
70 mm box
Operating Temperature Range:
0° to +49°C (32° to 120°F) US and Canadian Installations
10°to 60°C (14° to 140°F) European Installations
Operating Humidity Range:
10% to 93% Relative Humidity
Electrical Ratings – includes base and detector
System Voltage:
24 VDC
Maximum Ripple Voltage:
4 Volts peak to peak
Start-up Capacitance:
0.02µF Maximum
Standby Ratings:
15 VDC Minimum
35 VDC Maximum
120 µA Maximum
Alarm Ratings:
8 V Minimum at 16 mA
12 V Maximum at 100 mA
(Alarm current MUST be limited to 100 mA maximum by the control panel.)
Relay Contact Ratings:
Resistive or Inductive (60% power factor) Load
Form C:*
2.0A @ 30 VAC/DC
0.6A @ 110 VDC
1.0A @ 125 VAC
Reset Voltage:
1.4 VDC Minimum
Reset Time:
0.3 Seconds Maximum
Start-up Time:
34.0 Seconds Maximum
*For Canadian installations relay contact ratings are 2.0A @ 30 VAC/DC.
tested and maintained regularly following NFPA 72 require-
ments. The detector used with this base should be cleaned
at least once a year.
General Description
The model B116LP plug-in detector base is used with
System Sensor model 1151, 1151A, and 1151E ionization
detector heads and model 2151, 2151A, and 2151E photo-
electronic detector heads. The capability of plugging these
detectors into a variety of special bases makes them more
versatile than equivalent direct-wired models. Refer to the
System Sensor catalog for other available plug-in detector
bases.


Similar Part No. - B116LP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B116002A TRIPPLITE-B116002A Datasheet
500Kb / 2P
2-Port DVI Splitter with Audio and Signal Booster,Single-Link 1920x1200 at 60Hz-1080p (DVI F-2xF)
B116004A TRIPPLITE-B116004A Datasheet
491Kb / 2P
4-Port DVI Splitter with Audio and Signal Booster, Single-Link 1920x1200 at 60Hz-1080p (DVI F-4xF)
logo
Littelfuse
B1160C LITTELFUSE-B1160C Datasheet
132Kb / 2P
Battrax SLIC Protector
B1160C LITTELFUSE-B1160C Datasheet
132Kb / 2P
Battrax SLIC Protector
B1160CA LITTELFUSE-B1160CA Datasheet
97Kb / 1P
DO-214AA Package Symbolization
More results

Similar Description - B116LP

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
1451A SYSTEMSENSOR-1451A Datasheet
207Kb / 4P
Plug-in Smoke Detector
4451HT SYSTEMSENSOR-4451HT Datasheet
223Kb / 2P
Plug-in 190째F Thermal Detector
B406B SYSTEMSENSOR-B406B Datasheet
62Kb / 4P
Plug-in Detector Base
B110LP SYSTEMSENSOR-B110LP Datasheet
63Kb / 4P
Plug-in Detector Base
B110RLP SYSTEMSENSOR-B110RLP Datasheet
67Kb / 4P
Plug-in Detector Base
B112LP SYSTEMSENSOR-B112LP Datasheet
70Kb / 4P
Plug-in Detector Base
B114LP SYSTEMSENSOR-B114LP Datasheet
381Kb / 2P
Plug-in Detector Base
logo
PHOENIX CONTACT
2970015 PHOENIX-2970015 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
2970028 PHOENIX-2970028 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
2971535 PHOENIX-2971535 Datasheet
69Kb / 4P
Electronic board base, plug-in module base element
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com