Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74FCT245M Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CD74FCT245M
Description  BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD74FCT245M Datasheet(HTML) 4 Page - Texas Instruments

  CD74FCT245M Datasheet HTML 1Page - Texas Instruments CD74FCT245M Datasheet HTML 2Page - Texas Instruments CD74FCT245M Datasheet HTML 3Page - Texas Instruments CD74FCT245M Datasheet HTML 4Page - Texas Instruments CD74FCT245M Datasheet HTML 5Page - Texas Instruments CD74FCT245M Datasheet HTML 6Page - Texas Instruments CD74FCT245M Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Switching Specifications tr, tf = 2.5ns, CL = 50pF, RL - See Figure 3
PARAMETER
SYMBOL
VCC
(V)
AMBIENT TEMPERATURE (TA)
UNITS
25oC0oC TO 70oC
-55oC TO 125oC
TYP
MIN
TYP
MAX
MIN
TYP
MAX
Propagation Delays
Data to Outputs)
tPLH, tPHL
5
5
1.5
-
7
1.5
-
7.5
ns
Output Enable to Output
tPZL, tPZH
5
6
1.5
-
9.5
1.5
-
10
ns
Output Disable to Output
tPLZ, tPHZ
5
6
1.5
-
7.5
1.5
-
10
ns
Power Dissipation
Capacitance
CPD
-
49
-
49
-
-
49
-
pF
Min (Valley) VOHV During Switching
of Other Outputs (Output Under Test
Not Switching)
VOHV
5
0.5
------
V
Max (Peak) VOLP During Switching of
Other Outputs (Output Under Test Not
Switching)
VOLP
5
1
------
V
Input Capacitance
Cl
-
-
-
-
10
-
-
10
pF
Input/Output Capacitance
CI/O
-
-
-
-
15
-
-
15
pF
NOTES:
7. 5V: Min is at 5.5V, Max is at 4.5V.
5V: Min is at 5.25V for 0oC to 70oC, Max is at 4.75V for 0oC to 70oC, Typ is at 5V.
8. CPD, measured per function, is used to determine the dynamic power consumption.
PD (per package) = VCC ICC +∑ (VCC
2 f
l CPD + VO
2 f
O CL + VCC ∆lCC D) where:
VCC = supply voltage
∆lCC = flow through current x unit load
CL = output load capacitance
D = duty cycle of input high
fO = output frequency
fI= input frequency
CD54FCT245, CD74FCT245



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com