Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCH2812S/883 Datasheet(PDF) 13 Page - Crane Aerospace & Electronics.

Part # MCH2812S/883
Description  MCH/MGH Single and Dual DC/DC Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MCH2812S/883 Datasheet(HTML) 13 Page - Crane Aerospace & Electronics.

Back Button MCH2812S/883 Datasheet HTML 9Page - Crane Aerospace & Electronics. MCH2812S/883 Datasheet HTML 10Page - Crane Aerospace & Electronics. MCH2812S/883 Datasheet HTML 11Page - Crane Aerospace & Electronics. MCH2812S/883 Datasheet HTML 12Page - Crane Aerospace & Electronics. MCH2812S/883 Datasheet HTML 13Page - Crane Aerospace & Electronics. MCH2812S/883 Datasheet HTML 14Page - Crane Aerospace & Electronics. MCH2812S/883 Datasheet HTML 15Page - Crane Aerospace & Electronics. MCH2812S/883 Datasheet HTML 16Page - Crane Aerospace & Electronics. MCH2812S/883 Datasheet HTML 17Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
MCH/MGH Single and Dual DC/DC Converters
Crane Aerospace & Electronics Power Solutions
Page 13 of 18
Rev E - 20060508
www.craneae.com
28 VOLT INPUT – 1.5 WATT
MGH SINGLE AND DUAL OUTPUT MODELS
Typical Performance Curves: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
FIGURE 26
FIGURE 28
Vin
Vout
TURN-ON INTO FULL LOAD
02
4
6
810
12
14
16 18
TIME (ms)
MGH2805S
Representative of all 5 volt models
LOAD TRANSIENT RESPONSE
500 s / div.
MGH2815D
+VOUT FULL LOAD TO HALF LOAD
+VOUT HALF LOAD TO FULL LOAD
–VOUT FULL LOAD TO HALF LOAD
–VOUT HALF LOAD TO FULL LOAD
1
0
20
40
60
80
100
AUDIO REJECTION
10
60
FREQUENCY (kHz)
MGH2815S - Representative of all models
FIGURE 23
Vin
LINE TRANSIENT RESPONSE
200 s / div.
Vout
MGH2805S
12 VDC
50 VDC
FIGURE 24
Vin
LINE TRANSIENT RESPONSE
200 s / div.
+Vout
MGH2815D
–Vout
12 VDC
50 VDC
FIGURE 27
FIGURE 25
LOAD TRANSIENT RESPONSE
500 s / div.
MGH2805S
HALF LOAD TO FULL LOAD
FULL LOAD TO HALF LOAD
30
80
40
50
60
70
0
0.25
0.5 0.75
1
1.25 1.5
OUTPUT POWER
ALL 5 VOLT MODELS
12 VOLT
28 VOLT
EFFICIENCY vs LINE & LOAD
50 VOLT
1.75
90
FIGURE 20
1.75
30
80
40
50
60
70
0
0.25
0.5 0.75
1
1.25 1.5
OUTPUT POWER
12 & 15 V SINGLES
12 VOLT
28 VOLT
50 VOLT
90
EFFICIENCY vs LINE & LOAD
FIGURE 21
1.75
30
80
40
50
60
70
0
0.25
0.5 0.75
1
1.25 1.5
OUTPUT POWER
12 & 15 V DUAL MODELS
12 VOLT
28 VOLT
50 VOLT
90
EFFICIENCY vs LINE & LOAD
FIGURE 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com