Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FCT245 Datasheet(PDF) 3 Page - Texas Instruments

Part # 74FCT245
Description  BiCMOS FCT Interface Logic, Octal-Bus Tranceivers, Three-State
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74FCT245 Datasheet(HTML) 3 Page - Texas Instruments

  74FCT245 Datasheet HTML 1Page - Texas Instruments 74FCT245 Datasheet HTML 2Page - Texas Instruments 74FCT245 Datasheet HTML 3Page - Texas Instruments 74FCT245 Datasheet HTML 4Page - Texas Instruments 74FCT245 Datasheet HTML 5Page - Texas Instruments 74FCT245 Datasheet HTML 6Page - Texas Instruments 74FCT245 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings
Thermal Information
DC Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 6.0V
DC Input Diode Current, IIK (for VI < -0.5V) . . . . . . . . . . . . . . -20mA
DC Output Diode Current, IOK (for VO < -0.5V) . . . . . . . . . . . -50mA
DC Output Sink Current per Output Pin, IO . . . . . . . . . . . . . . . 70mA
DC Output Source Current per Output Pin, IO . . . . . . . . . . . . -30mA
DC VCC Current (ICC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 140mA
DC Ground Current (IGND). . . . . . . . . . . . . . . . . . . . . . . . . . . 528mA
Operating Conditions
Operating Temperature Range (TA) . . . . . . . . . . . . . -55
oC to 125oC
Supply Voltage Range, VCC
CD74 Series, TA = 0
oC to 70oC . . . . . . . . . . . . . . .4.75V to 5.25V
CD54 Series,TA = -55
oC to 125oC . . . . . . . . . . . . . . .4.5V to 5.5V
DC Input Voltage, VI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to VCC
DC Output Voltage, VO. . . . . . . . . . . . . . . . . . . . . . . . . . . 0 to ≤ VCC
Input Rise and Fall Slew Rate, dt/dv. . . . . . . . . . . . . . . . 0 to 10ns/V
Thermal Resistance (Typical, Note 3)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
69
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
58
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(SOIC Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
3.
θJA is calculated in accordance with JESD 51.
Electrical Specifications 74FCT Commercial Temperature Range 0oC to 70oC, VCC Max = 5.25V, VCC Min = 4.75V
54FCT Extended Industrial Temperature Range -55oC to 125oC; VCC Max = 5.5V, VCC Min = 4.5V
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC (V)
AMBIENT TEMPERATURE (TA)
UNITS
25oC0oC TO 70oC
-55oC TO 125oC
VI
IO (mA)
MIN
MAX
MIN
MAX
MIN
MAX
High Level Input Voltage
VIH
4.5 to 5.5
2
-
2
-
2
-
V
Low Level Input Voltage
VIL
4.5 to 5.5
-
0.8
-
0.8
-
0.8
V
High Level Output Voltage
VOH
VIH or
-15
Min
2.4
-
2.4
-
-
-
V
VIL
-12
Min
2.4
-
-
-
2.4
-
V
Low Level Output Voltage
VOL
VIH or
64
Min
-
0.55
-
0.55
-
-
V
VIL
48
Min
-
0.55
-
-
-
0.55
V
High Level Input Current
IIH
VCC
Max
-
0.1
-
1
-
1
µA
Low Level Input Current
IIL
GND
Max
-
-0.1
-
-1
-
-1
µA
Three-State Leakage
Current
IOZH
VCC
Max
-
0.5
-
10
-
10
µA
IOZL
GND
Max
-
-0.5
-
-10
-
-10
µA
Short Circuit Output Current
(Note 4)
IOS
VCC or
GND
VO = 0
Max
-60
-
-60
-
-60
-
mA
Input Clamp Voltage
VIK
VCC or
GND
-18
Min
-
-1.2
-
-1.2
-
-1.2
V
Quiescent Supply Current,
MSI
ICC
VCC or
GND
0
Max
-
8
-
80
-
500
µA
Additional Quiescent Supply
Current per Input Pin TTL In-
puts High, 1 Unit Load
∆ICC
3.4V
(Note 5)
Max
-
1.6
-
1.6
-
2
mA
NOTES:
4. Not more than one output should be shorted at one time. Test duration should not exceed 100ms.
5. Inputs that are not measured are at VCC or GND.
6. FCT Input Loading: All inputs are 1 unit load. Unit load is
∆ICC limit specified in Static Characteristics Chart, e.g., 1.6mA Max at 70oC.
CD54FCT245, CD74FCT245



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com