Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MGA2815S/883 Datasheet(PDF) 7 Page - Crane Aerospace & Electronics.

Part # MGA2815S/883
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MGA2815S/883 Datasheet(HTML) 7 Page - Crane Aerospace & Electronics.

  MGA2815S/883 Datasheet HTML 1Page - Crane Aerospace & Electronics. MGA2815S/883 Datasheet HTML 2Page - Crane Aerospace & Electronics. MGA2815S/883 Datasheet HTML 3Page - Crane Aerospace & Electronics. MGA2815S/883 Datasheet HTML 4Page - Crane Aerospace & Electronics. MGA2815S/883 Datasheet HTML 5Page - Crane Aerospace & Electronics. MGA2815S/883 Datasheet HTML 6Page - Crane Aerospace & Electronics. MGA2815S/883 Datasheet HTML 7Page - Crane Aerospace & Electronics. MGA2815S/883 Datasheet HTML 8Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
B8-9
CASE D
CASES
0.060 (1.52)
0.075 (1.91)
0.030 (0.76)
0.100 (2.54) 4X
0.100 (2.54) 18X
1.000 (25.40)
1.000
(25.40)
CASE D
TOP VIEW
See Figure 13
for pin
configurations.
Materials
Header
Kovar/Nickel/Gold
Cover
Kovar/Nickel
Pins
Kovar/Nickel/Gold,
matched glass seal
Case dimensions in inches (mm)
Tolerance
±0.005 (0.13) for three decimal places
±0.01 (0.3) for two decimal places
unless otherwise specified
1.110 max
(28.19)
1.110 max
(28.19)
CAUTION
Maximum reflow temperature is 220
°C for a
maximum of 30 seconds. SN60, SN62, or SN63
are the recommended types of solder. See below
for Solder Mask instructions.
Hand soldering should not exceed 300
°C for 10
seconds per pin.
Cover marking is oriented with pin one
at the upper right corner.
Differently colored glass bead around pin one or dimple
in header (bottom or side of case) indicates pin one.
Straight Leads
(This view shows
straight leads.)
MGA Series: Screening – Standard, ES, or 883
0.010
(0.25)
0.135 ref.
(3.43)
Leads are solder dipped and lead
dimensions are prior to solder dip.
0.08
(2.0)
0.010 (0.25)
Bottom of lead to
bottom of case
0.055
(1.40)
0.070
(1.78)
1
1
TOP VIEW CASE D
1.400 ref. (35.56)
0.010
(0.25)
0.08
(2.0)
0.250 max.
(6.35)
0.50
(12.7)
2.115 ref. (53.72)
0.015
(0.38)
Seam seal
0.900 (22.86)
0.800 (20.32)
0.700 (17.78)
0.600 (15.24)
0.500 (12.70)
0.400 (10.16)
0.300 ( 7.62)
0.200 ( 5.08)
0.100 ( 2.54)
1.000 (25.40)
1
2
3
4
5
6
7
8
9
10
18
17
16
15
14
13
12
11
19
20
Gull Wing Leads
Option
Differently colored glass bead around pin one or dimple in
header (bottom or side of case) indicates pin one.
Cover marking is oriented with pin one at the upper right corner.
0.000
Solder Mask Notes
1. Pad dimensions are for the solder mask opening. Lead common to
each other can be connected underneath as desired.
2. Ground pins should be connected to the center pad for improved
grounding.
3. Center pad should not have a solder mask. Solder, copper, or Au/Ni
plate are preferred over solder for adhesive attach.
4. Solder coat to solder down converter.
5. If less rotation of case is desired, make the pad width 0.020inches
(0.51 mm). Pad length can be extended 0.010 inches (0.25 mm)
towards the case body and as-desired dimension away from the case
body.
6. Do not exceed 220°C as measured on the body of the converter (top
or bottom).
7. Attach the body of the case to the board with a thermally conductive
adhesive or SN60, 62, or 63 solder. The adhesive can be electrically
conductive as well. It can be applied as an underfill post solder or
dispensed and cured prior or during solder.
Note: Although every effort has been made to render the case drawings at actual size, variations in the printing process may cause some distortion. Please refer
to the numerical dimensions for accuracy.
FIGURE 13: CASE D
FIGURE 14: CASE D SOLDER MASK
FIGURE 12: CASE D
MAXIMUM DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com