Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHF2805S/ES Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MHF2805S/ES
Description  DC/DC CONVERTERS 28 VOLT INPUT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHF2805S/ES Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MHF2805S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHF2805S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHF2805S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHF2805S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHF2805S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHF2805S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ABSOLUTE MAXIMUM RATINGS
TYPICAL CHARACTERISTICS
INHIBIT
RECOMMENDED OPERATING CONDITIONS
Input Voltage
• 16 to 40 VDC (19 to 40 VDC 15 volt output)
Output Power
• 12 watts (10 watts MHF2805S)
Lead Soldering Temperature (10 sec per lead)
• 300°C
Storage Temperature Range (Case)
• –55°C to +135°C
B2-78
MHF SERIES
12 WATT
DC/DC CONVERTERS
Output Voltage Temperature Coefficient
• 150 ppm/°C, typical
Input to Output Capacitance
• 50 pF, typical
Current Limit
• 125% of full load, typical
Isolation
• 100 megohm minimum at 500 V
Conversion Frequency
• 600 kHz typical
Inhibit Pin Voltage (unit enabled)
• 8 to 11 V
Input Voltage Range
• 16 to 40 VDC continuous
• 19 to 40 VDC 15 volt outputs continuous
• 50 V for 50 msec transient
Case Operating Temperature (Tc)
• –55°C to +125°C full power
• –55°C to +110°C full power for MHF2805S
• –55°C to +135°C absolute
• –55°C to +130°C absolute for MHF2805S
Derating Output Power/Current
• Linearly from 100% at 125°C to 0% at 135°C
• Linearly from 100% at 110°C to 0% at 130°C
for MHF2805S
Inhibit TTL Open Collector
• Logic low (output disabled)
Logic low 0.8 V max
Inhibit pin current 4 mA max
• Referenced to input common
• Logic high (output enabled)
Open collector
Electrical Characteristics: 25°C Tc, 28 VDC Vin, 100% load, unless otherwise specified.
SINGLE OUTPUT MODELS
MHF2805S
MHF2812S
MHF2815S
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
OUTPUT VOLTAGE
4.95
5.0
5.05
11.88
12
12.12
14.85
15
15.15
VDC
OUTPUT CURRENT
—
—
2.0
—
—
1.0
—
—
0.8
A
OUTPUT POWER
MIN. TO MAX. VIN
—
—
10
—
—
12
—
—
12
W
OUTPUT RIPPLE
10 kHz to 2 MHz
—
40
60
—
30
60
—
25
50
mV p-p
LINE REGULATION
MIN. TO MAX. VIN
—
10
50
—
10
50
—
10
50
mV
LOAD REGULATION
NO LOAD TO FULL
—
10
50
—
10
50
—
10
50
mV
INPUT VOLTAGE
CONTINUOUS
16
28
40
16
28
40
19
28
40
VDC
TRANSIENT 50 ms
—
—
50
—
—
50
—
—
50
V
INPUT CURRENT
NO LOAD
—
20
30
—
20
30
—
20
30
FULL LOAD
—
—
483
—
—
557
—
—
535
mA
INHIBITED
—
2
3
—
2
3
—
2
3
INPUT RIPPLE
CURRENT
10 kHz TO 2 MHz
—
135
180
—
150
200
—
150
220
mA p-p
EFFICIENCY
74
77
—
77
81
—
80
83
—
%
LOAD FAULT1
POWER DISSIPATION
OVERLOAD
—
—
5
—
—
5
—
—
5
W
SHORT CIRCUIT
—
–
3.5
—
—
2.8
—
—
2
START-UP
DELAY
—
180
300
—
80
200
—
150
250
ms
Notes
1. Indefinite short circuit protection not guaranteed above 125°C case temperature (110°C case for MHF2805S).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com