Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27005S/ES Datasheet(PDF) 8 Page - Crane Aerospace & Electronics.

Part # MHP27005S/ES
Description  MHP27005S
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHP27005S/ES Datasheet(HTML) 8 Page - Crane Aerospace & Electronics.

Back Button MHP27005S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHP27005S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHP27005S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHP27005S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHP27005S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHP27005S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHP27005S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHP27005S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MHP27005S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Notes
1. Share operation not characterized for dual outputs.
2. Up to 80% of the total output power is available from either output
provided that the opposite output is simultaneously carrying 20% of the
total output power. one of the outputs must always provide a minimum
of 20% of the total output power to meet cross regulation. Negative Vout
cross regulation is referenced to 50%/50% balanced loads (at 100% of
total rated output power - full load).
3. Assumes balanced loads on the outputs.
4. Effect on the negative output from 50%/50% loads to 70%/30% or
70%/30% loads.
5. Unit will shut down above approximately 425V but will be undamaged
and will restart when voltage drops into normal range.
6. Second output at 50%
7. Recovery time is measured from application of the transient to point at
which Vout is within 1% of final value.
Electrical Characteristics: 25°C Tc, 270 VDC Vin, 100% load, free run, unless otherwise specified.
DUAL oUTPUT MoDELS 1
MHp27005D
MHp27012D
MHp28015D
units
paraMeter
COnDitiOns
Min
tYp
MaX
Min
tYp
MaX
Min
tYp
MaX
Output VOltage
+VOut
4.95
5.00
5.05 11.88 12.00 12.12 14.85 15.00 15.15
VDC
-VOut
4.92
5.00
5.08 11.82 12.00 12.18 14.77 15.00 15.23
Output Current 2
Vin = 160 tO 400 VDC
0
±5
8.0
0
±2.5
4.0
0
±2.16 3.46
a
Output pOWer 2
Vin = 160 tO 400 VDC
0
—
50
0
—
60
0
—
65
W
Output ripple
±VOut
10 kHz - 2 MHz
—
50
100
—
50
125
—
50
125
mV p-p
line regulatiOn
±VOut
Vin = 160 tO 400 VDC
—
—
100
—
—
120
—
—
150
mV
lOaD regulatiOn 3
±VOut
nO lOaD tO Full
—
—
100
—
—
120
—
—
150
mV
CrOss regulatiOn 4
eFFeCt On –VOut
—
—
1000
—
—
800
—
—
750
mV
input VOltage
COntinuOus
160
270
400
160
270
400
160
270
400
VDC
TRANSIENT 50 msec.4
0
—
450
0
—
450
0
—
450
V
input Current
nO lOaD
—
—
20
—
—
20
—
—
20
mA
inHiBiteD–inH1
—
—
10
—
—
10
—
—
8
inHiBiteD–inH2
—
—
15
—
—
15
—
—
15
input ripple
Current
10 kHz - 10 MHz
—
—
60
—
—
60
—
—
60
mA p-p
eFFiCienCY
BalanCeD lOaD
74
—
—
81
_
—
82
_
—
%
lOaD Fault
pOWer DissipatiOn
sHOrt CirCuit
—
—
30
—
—
35
—
—
45
W
step lOaD
respOnse
±VOut
50% - 100% - 50% 6
transient
—
—
300
—
—
900
—
—
900
mV pk
reCOVerY 7
—
—
300
—
—
500
—
—
500
µs
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt
www.interpoint.com
Page 8 of 10
Rev F - 20090304



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com