Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27012S/ES Datasheet(PDF) 2 Page - Crane Aerospace & Electronics.

Part # MHP27012S/ES
Description  MHP27005S
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHP27012S/ES Datasheet(HTML) 2 Page - Crane Aerospace & Electronics.

  MHP27012S/ES Datasheet HTML 1Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHP27012S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Operating COnditiOns and CharaCteristiCs
input Voltage range
160 to 400 VDC continuous
•
450 VDC for 50 msec transient
•
output power
50 to 65 watts depending on model
•
lead soldering temperature (10 sec)
300°C
•
storage temperature range (case)
-65°C to +150°C
•
case operating temperature (tc)
-55 to +100°C full power
•
output Voltage temperature coefficient
100 ppm/°C typical
•
current limit
125% of full load typical
•
isolation
100 megohm minimum at 500 V
•
conversion Frequency
Free run mode 525 kHz typical
•
475 kHz. min., 575 kHz max
‣
External sync range: 475 to 575 kHz
•
low line drop out
Vout drops 1% of nominal
•
Input voltage 155 VDC max
•
undervoltage lockout
Input voltage 110 VDC min
•
meChaniCal and envirOnmental
size (maximum)
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
•
See case U for dimensions.
•
Weight (maximum)
86 grams max
•
screening
Standard or ES. See “MHP270 (Standard and /ES, non-QML
•
Products” screening table for more information, page 10.
synC and inhibit
sync
Sync In
•
Input frequency 475 to 575 kHz.
‣
Duty cycle 40% min, 60% max
‣
Active low 0.8 V max
‣
Active high 4.5 V min, 10 V max
‣
Referenced to input common
‣
Sync out
•
Referenced to input common
‣
inhibit (inH1, inH2)
Active low (output disabled)
•
INH1 referenced to input common
‣
Active low 0.8 V max
Inhibit pin will source 15 mA max
INH2 referenced to output common
‣
Active low 0.5 V max
Inhibit pin will source 15 mA max
Active high (output enabled)
•
open collector
‣
open pin voltage: INH1 = 12V typ, INH2 = 5 V typ
‣
RL
1
2
3
4
5
6
REMOTE SENSE CONNECTION
12
11
10
9
8
7
–
+
270 V
–
+
Inhibit
Sync In
Positive Input
Input Common
INH2
INH1
Sync Out
Sync In
Share
N/C
Pos. Sense
Sense Return
Output Common
Positive Output
Figure 1: sense COnneCtiOns
SINGLE oUTPUT MoDELS CoNNECTIoN DIAGRAM - SENSE
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt
www.interpoint.com
Page 2 of 10
Rev F - 20090304



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com