Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MHP27015S/ES Datasheet(PDF) 6 Page - Crane Aerospace & Electronics.

Part # MHP27015S/ES
Description  MHP27005S
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRANE [Crane Aerospace & Electronics.]
Direct Link  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

MHP27015S/ES Datasheet(HTML) 6 Page - Crane Aerospace & Electronics.

Back Button MHP27015S/ES Datasheet HTML 2Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 3Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 4Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 5Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 6Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 7Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 8Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 9Page - Crane Aerospace & Electronics. MHP27015S/ES Datasheet HTML 10Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Electrical Characteristics: 25°C Tc, 270 VDC Vin, 100% load, free run, unless otherwise specified.
Notes
1. Unit will shut down above approximately 425V but will be undamaged
and will restart when voltage drops into normal range.
2. Recovery time is measured from application of the transient to the point at
which Vout is within 1% of final value.
SINGLE oUTPUT MoDELS
MHP27005S
MHP27012S
units
paraMeter
COnDitiOns
MIN
TYP
MAX
MIN
TYP
MAX
Output VOltage
4.95
5.00
5.05
11.88 12.00 12.12
VDC
Output Current
Vin = 160 tO 400 VDC
0
—
10
0
—
5
a
Output pOWer
Vin = 160 tO 400 VDC
0
—
50
0
—
60
W
Output ripple
10 kHz - 2 MHz
—
—
50
—
—
50
mV p-p
line regulatiOn
Vin = 160 tO 400 VDC
—
—
50
—
–
120
mV
lOaD regulatiOn
nO lOaD tO Full
—
—
50
—
—
120
mV
input VOltage
COntinuOus
160
270
400
160
270
400
VDC
TRANSIENT 50 msec. 1
—
—
450
—
—
450
V
input Current
nO lOaD
—
—
20
—
—
20
mA
inHiBiteD–inH1
—
—
8
—
—
10
inHiBiteD–inH2
—
—
15
—
—
15
input ripple
Current
10 kHz - 10 MHz
—
—
50
—
—
50
mA p-p
eFFiCienCY
76
—
—
81
—
—
%
lOaD Fault
pOWer DissipatiOn
sHOrt CirCuit
—
—
30
—
—
35
W
step lOaD
respOnse
50% - 100% - 50%
transient
—
—
300
—
—
700
mV pk
reCOVerY 2
—
—
300
—
—
500
µs
Crane Aerospace & Electronics Power Solutions
MHp270 single and dual dc/dc converters
270 Volt input – 65 Watt
www.interpoint.com
Page 6 of 10
Rev F - 20090304



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com